Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO5451
Description  ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO5451 Datasheet(HTML) 3 Page - Texas Instruments

  ISO5451 Datasheet HTML 1Page - Texas Instruments ISO5451 Datasheet HTML 2Page - Texas Instruments ISO5451 Datasheet HTML 3Page - Texas Instruments ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
DESAT
VEE2
VCC2
GND2
VEE2
VCC1
GND1
RDY
IN-
IN+
GND1
FLT
RST
NC
OUT
CLAMP
3
ISO5451-Q1
www.ti.com
SLLSEQ3A – SEPTEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO5451-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Description (continued)
When desaturation is active, a fault signal is sent across the isolation barrier, pulling the FLT output at the input
side low and blocking the isolator input. The FLT output condition is latched and can be reset through a low-
active pulse at the RST input.
When the IGBT is turned off during normal operation with bipolar output supply, the output is hard clamp to VEE2.
If the output supply is unipolar, an active Miller clamp can be used, allowing Miller current to sink across a low
impedance path, preventing IGBT to be dynamically turned on during high voltage transient conditions.
The readiness for the gate driver to be operated is under the control of two undervoltage-lockout circuits
monitoring the input side and output side supplies. If either side has insufficient supply the RDY output goes low,
otherwise this output is high.
The ISO5451-Q1 is available in a 16-pin SOIC package. Device operation is specified over a temperature range
from –40°C to +125°C ambient.
6 Pin Configuration and Function
DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLAMP
7
O
Miller clamp output
DESAT
2
I
Desaturation voltage input
FLT
13
O
Fault output, low-active during DESAT condition
GND1
9, 16
—
Input ground
GND2
3
—
Gate drive common. Connect to IGBT emitter
IN+
10
I
Non-inverting gate drive voltage control input
IN–
11
I
Inverting gate drive voltage control input
NC
4
—
Not connected
OUT
6
O
Gate drive voltage output
RDY
12
O
Power-good output, active high when both supplies are good
RST
14
I
Reset input, apply a low pulse to reset fault latch
VCC1
15
—
Positive input supply (3 V to 5.5 V)
VCC2
5
—
Most positive output supply potential
VEE2
1, 8
—
Output negative supply. Connect to GND2 for unipolar-supply application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com