Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO5451
Description  ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO5451 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments ISO5451 Datasheet HTML 10Page - Texas Instruments ISO5451 Datasheet HTML 11Page - Texas Instruments ISO5451 Datasheet HTML 12Page - Texas Instruments ISO5451 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
ISO5451-Q1
www.ti.com
SLLSEQ3A – SEPTEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO5451-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Measured at same supply voltage and temperature condition
(2)
Measured from input pin to ground.
7.10 Switching Characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at TA = 25°C, VCC1 = 5 V, VCC2 –
GND2 = 15 V, GND2 – VEE2 = 8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
CLOAD = 1 nF, see Figure 38, Figure 39 and
Figure 40
12
20
35
ns
tf
Output signal fall time
12
20
37
ns
tPLH, tPHL
Propagation Delay
76
110
ns
tsk-p
Pulse Skew |tPHL – tPLH|
20
ns
tsk-pp
Part-to-part skew
30(1)
ns
tGF
Glitch filter on IN+, IN–, RST
20
30
40
ns
tDESAT (10%)
DESAT sense to 10% OUT delay
300
415
500
ns
tDESAT (GF)
DESAT glitch filter delay
330
ns
tDESAT (FLT)
DESAT sense to FLT-low delay
see Figure 40
2000
2420
ns
tLEB
Leading edge blanking time
see Figure 38 and Figure 39
330
400
500
ns
tGF(RSTFLT)
Glitch filter on RST for resetting FLT
300
800
ns
CI
Input capacitance(2)
VI = VCC1/2 + 0.4 × sin (2πft), f = 1 MHz,
VCC1 = 5 V
2
pF
CMTI
Common-mode transient immunity
VCM = 1500 V, see Figure 41
50
100
kV/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com