Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO5451
Description  ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO5451 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments ISO5451 Datasheet HTML 10Page - Texas Instruments ISO5451 Datasheet HTML 11Page - Texas Instruments ISO5451 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
ISO5451-Q1
SLLSEQ3A – SEPTEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO5451-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
IIH for IN–, RST pin is zero as they are pulled high internally.
(2)
IIL for IN+ is zero, as it is pulled low internally.
7.9 Electrical Characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at TA = 25°C, VCC1 = 5 V, VCC2 –
GND2 = 15 V, GND2 – VEE2 = 8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE SUPPLY
VIT+(UVLO1)
Positive-going UVLO1 threshold voltage
input side (VCC1 – GND1)
2.25
V
VIT-(UVLO1)
Negative-going UVLO1 threshold voltage
input side (VCC1 – GND1)
1.7
V
VHYS(UVLO1)
UVLO1 Hysteresis voltage (VIT+ – VIT–)
input side
0.24
V
VIT+(UVLO2)
Positive-going UVLO2 threshold voltage
output side (VCC2 – GND2)
12
13
V
VIT-(UVLO2)
Negative-going UVLO2 threshold voltage
output side (VCC2 – GND2)
9.5
11
V
VHYS(UVLO2)
UVLO2 Hysteresis voltage (VIT+ – VIT–)
output side
1
V
IQ1
Input supply quiescent current
2.8
4.5
mA
IQ2
Output supply quiescent current
3.6
6
mA
LOGIC I/O
VIT+(IN,RST)
Positive-going input threshold voltage (IN+,
IN–, RST)
0.7 × VCC1
V
VIT-(IN,RST)
Negative-going input threshold voltage
(IN+, IN–, RST)
0.3 × VCC1
V
VHYS(IN,RST)
Input hysteresis voltage (IN+, IN–, RST)
0.15 × VCC1
V
IIH
High-level input leakage at (IN+) (1)
IN+ = VCC1
100
µA
IIL
Low-level input leakage at (IN–, RST) (2)
IN– = GND1, RST = GND1
–100
µA
IPU
Pull-up current of FLT, RDY
V(RDY) = GND1, V(FLT) = GND1
100
µA
VOL
Low-level output voltage at FLT, RDY
I(FLT) = 5 mA
0.2
V
GATE DRIVER STAGE
V(OUTPD)
Active output pulldown voltage
IOUT = 200 mA, VCC2 = open
2
V
V(OUTH)
High-level output voltage
IOUT = –20 mA
VCC2 – 0.5
VCC2 – 0.24
V
V(OUTL)
Low-level output voltage
IOUT = 20 mA
VEE2 + 13
VEE2 + 50
mV
I(OUTH)
High-level output peak current
IN+ = high, IN– = low,
VOUT = VCC2 - 15 V
1.5
2.5
A
I(OUTL)
Low-level output peak current
IN+ = low, IN– = high,
VOUT = VEE2 + 15 V
3.4
5
A
ACTIVE MILLER CLAMP
V(CLP)
Low-level clamp voltage
I(CLP) = 20 mA
VEE2 + 0.015
VEE2 + 0.08
V
I(CLP)
Low-level clamp current
V(CLAMP) = VEE2 + 2.5 V
1.6
2.5
A
V(CLTH)
Clamp threshold voltage
1.6
2.1
2.5
V
SHORT CIRCUIT CLAMPING
V(CLP_OUT)
Clamping voltage
(VOUT - VCC2)
IN+ = high, IN– = low, tCLP=10 µs,
I(OUTH) = 500 mA
0.8
1.3
V
V(CLP_CLAMP)
Clamping voltage
(VCLP - VCC2)
IN+ = high, IN– = low, tCLP=10 µs,
I(CLP) = 500 mA
1.3
V
V(CLP_CLAMP)
Clamping voltage at CLAMP
IN+ = High, IN– = Low, I(CLP) = 20
mA
0.7
1.1
V
DESAT PROTECTION
I(CHG)
Blanking capacitor charge current
V(DESAT) - GND2 = 2 V
0.42
0.5
0.58
mA
I(DCHG)
Blanking capacitor discharge current
V(DESAT) - GND2 = 6 V
9
14
mA
V(DSTH)
DESAT threshold voltage with respect to
GND2
8.3
9
9.5
V
V(DSL)
DESAT voltage with respect to GND2,
when OUT is driven low
0.4
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com