Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO5451
Description  ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO5451 Datasheet(HTML) 5 Page - Texas Instruments

  ISO5451 Datasheet HTML 1Page - Texas Instruments ISO5451 Datasheet HTML 2Page - Texas Instruments ISO5451 Datasheet HTML 3Page - Texas Instruments ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
ISO5451-Q1
www.ti.com
SLLSEQ3A – SEPTEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO5451-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
7.4 Thermal Information
THERMAL METRIC(1)
ISO5451-Q1
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
99.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.5
°C/W
RθJB
Junction-to-board thermal resistance
56.5
°C/W
ψJT
Junction-to-top characterization parameter
29.2
°C/W
ψJB
Junction-to-board characterization parameter
56.5
°C/W
(1)
Full chip power dissipation is de-rated 10.04 mW/°C beyond 25°C ambient temperature. At 125°C ambient temperature, a maximum of
251 mW total power dissipation is allowed. Power dissipation can be optimized depending on ambient temperature and board design,
while ensuring that Junction temperature does not exceed 150°C.
7.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation(1)
1255
mW
PID
Maximum input power dissipation
175
mW
POD
Maximum output power dissipation
1080
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com