Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO5451
Description  ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO5451 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 3Page - Texas Instruments ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments ISO5451 Datasheet HTML 10Page - Texas Instruments ISO5451 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
ISO5451-Q1
www.ti.com
SLLSEQ3A – SEPTEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: ISO5451-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Production tested
≥ 6840 VRMS for 1 second in accordance with UL 1577.
7.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
V VDE V 0884-10
(VDE V 0884-10):2006-12
and DIN EN 60950-1
(VDE 0805 Teil 1):2011-
01
Plan to certify under CSA
Component Acceptance
Notice 5A, IEC 60950-1
and IEC 60601-1
Certified according to UL
1577 Component
Recognition Program
Certified according to GB
4943.1-2011
Certified according to
EN 61010-1:2010 (3rd Ed)
and
EN 60950-
1:2006/A11:2009/A1:2010
/
A12:2011/A2:2013
Reinforced Insulation
Maximum Transient
isolation voltage, 8000
VPK;
Maximum surge isolation
voltage, 6250 VPK,
Maximum repetitive peak
isolation voltage, 1420
VPK
Isolation Rating of 5700
VRMS;
Reinforced insulation per
CSA 60950- 1- 07+A1+A2
and IEC 60950-1 (2nd
Ed.), 800 VRMS max
working voltage (pollution
degree 2, material group
I);
2 MOPP (Means of
Patient Protection) per
CSA 60601-1:14 and IEC
60601-1 Ed. 3.1, 250
VRMS (354 VPK) max
working voltage
Single Protection, 5700
VRMS
(1)
Reinforced Insulation,
Altitude
≤ 5000m, Tropical
climate, 400 VRMS
maximum working voltage
5700 VRMS Reinforced
insulation per
EN 61010-1:2010 (3rd Ed)
up to working voltage of
600 VRMS
5700 VRMS Reinforced
insulation per
EN 60950-
1:2006/A11:2009/A1:2010
/
A12:2011/A2:2013 up to
working voltage of 800
VRMS
Certification completed
Certificate number:
40040142
Certification planned
Certification completed
File number: E181974
Certification completed
Certificate number:
CQC16001141761
Certification completed
Client ID number: 77311
(1)
Input, output, or the sum of input and output power should not exceed this value
7.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output or supply current
RθJA = 99.6°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
349
mA
RθJA = 99.6°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
228
RθJA = 99.6°C/W, VI = 15 V, TJ = 150°C,
TA = 25°C
84
RθJA = 99.6°C/W, VI = 30 V, TJ = 150°C,
TA = 25°C
42
PS
Safety input, output, or total power
RθJA = 99.6°C/W, TJ = 150°C, TA = 25°C
1255(1)
mW
TS
Maximum ambient safety
temperature
150
°C
The safety-limiting constraint is the maximum junction temperature specified in the data sheet. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com