Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO5451
Description  ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO5451 Datasheet(HTML) 4 Page - Texas Instruments

  ISO5451 Datasheet HTML 1Page - Texas Instruments ISO5451 Datasheet HTML 2Page - Texas Instruments ISO5451 Datasheet HTML 3Page - Texas Instruments ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
ISO5451-Q1
SLLSEQ3A – SEPTEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO5451-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC1
Supply voltage input side
GND1 – 0.3
6
V
VCC2
Positive supply voltage output
side
(VCC2 – GND2)
–0.3
35
V
VEE2
Negative supply voltage output
side
(VEE2 – GND2)
–17.5
0.3
V
V(SUP2)
Total supply output voltage
(VCC2 – VEE2)
–0.3
35
V
VOUT
Gate driver output voltage
VEE2 – 0.3
VCC2 + 0.3
V
I(OUTH)
Gate driver high output current
Gate driver high output current
(max pulse width = 10 μs, max duty cycle = 0.2%)
2.7
A
I(OUTL)
Gate driver low output current
Gate driver high output current
(max pulse width = 10 μs, max duty cycle = 0.2%)
5.5
A
V(LIP)
Voltage at IN+, IN–, FLT, RDY, RST
GND1 –0.3
VCC1 + 0.3
V
I(LOP)
Output current of FLT, RDY
10
mA
V(DESAT)
Voltage at DESAT
GND2 – 0.3
VCC2 + 0.3
V
V(CLAMP)
Clamp voltage
VEE2 – 0.3
VCC2 + 0.3
V
TJ
Junction temperature
–40
150
°C
TSTG
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±4000
V
Charged-device model (CDM), per AEC Q100-011
±1500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC1
Supply voltage input side
3
5.5
V
VCC2
Positive supply voltage output side (VCC2 – GND2)
15
30
V
VEE2
Negative supply voltage output side (VEE2 – GND2)
–15
0
V
V(SUP2)
Total supply voltage output side (VCC2 – VEE2)
15
30
V
VIH
High-level input voltage (IN+, IN–, RST)
0.7 × VCC1
VCC1
V
VIL
Low-level input voltage (IN+, IN–, RST)
0
0.3 × VCC1
V
tUI
Pulse width at IN+, IN– for full output (CLOAD = 1 nF)
40
ns
tRST
Pulse width at RST for resetting fault latch
800
ns
TA
Ambient temperature
–40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com