Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38500 Datasheet HTML 12Page - Texas Instruments LP38500 Datasheet HTML 13Page - Texas Instruments LP38500 Datasheet HTML 14Page - Texas Instruments LP38500 Datasheet HTML 15Page - Texas Instruments LP38500 Datasheet HTML 16Page - Texas Instruments LP38500 Datasheet HTML 17Page - Texas Instruments LP38500 Datasheet HTML 18Page - Texas Instruments LP38500 Datasheet HTML 19Page - Texas Instruments LP38500 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
LP38500-ADJ, LP38502-ADJ
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
9 Power Supply Recommendations
The LP38500-ADJ and LP38502-ADJ devices are designed to operate from an input voltage supply range
between 2.7 V and 5.5 V. The input voltage range provides adequate headroom in order for the device to have a
regulated output. This input supply must be well regulated. An input capacitor of at least 10
μF is required.
9.1 Power Dissipation/Heatsinking
The maximum power dissipation (PD(MAX)) of the LP38500-ADJ and LP38502-ADJ is limited by the maximum
junction temperature of 125°C, along with the maximum ambient temperature (TA(MAX)) of the application, and the
thermal resistance (RθJA) of the package. Under all possible conditions, the junction temperature (TJ) must be
within the range specified in the Recommended Operating Conditions. The total power dissipation of the device
is given by:
PD = ((VIN − VOUT) × IOUT) + (VIN × IGND)
where
•
IGND is the operating ground current of the device (specified under Electrical Characteristics)
(3)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum expected ambient
temperature (TA(MAX)) of the application, and the maximum allowable junction temperature (TJ(MAX)):
ΔTJ = TJ(MAX)− TA(MAX)
(4)
The maximum allowable value for junction-to-ambient thermal resistance, RθJA, can be calculated using the
formula:
RθJA = ΔTJ / PD(MAX)
(5)
The LP38500-ADJ and LP38502-ADJ are available in the DDPAK/TO-263, TO-263, and WSON packages. The
thermal resistance depends on the amount of copper area allocated to heat transfer.
16
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38500-ADJ LP38502-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com