Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 5 Page - Texas Instruments

  LP38500 Datasheet HTML 1Page - Texas Instruments LP38500 Datasheet HTML 2Page - Texas Instruments LP38500 Datasheet HTML 3Page - Texas Instruments LP38500 Datasheet HTML 4Page - Texas Instruments LP38500 Datasheet HTML 5Page - Texas Instruments LP38500 Datasheet HTML 6Page - Texas Instruments LP38500 Datasheet HTML 7Page - Texas Instruments LP38500 Datasheet HTML 8Page - Texas Instruments LP38500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LP38500-ADJ, LP38502-ADJ
www.ti.com
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Unless otherwise specified VIN = 3.3 V, IOUT = 10 mA, CIN = 10 μF, COUT = 10 μF, VEN = VIN, VOUT = 1.8 V. Minimum and
maximum limits apply over the junction temperature (TJ) range of –40°C to +125°C and are specified through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.7 V
≤ VIN ≤ 5.5 V
10 mA
≤ IOUT ≤ 1.5 A
0.584
0.605
0.626
TJ = 25°C
VADJ
Adjust pin voltage(1)
V
2.7 V
≤ VIN ≤ 5.5 V
0.575
0.635
10 mA
≤ IOUT ≤ 1.5 A
2.7 V
≤ VIN ≤ 5.5 V
10 mA
≤ IOUT ≤ 1.5 A
0.596
0.605
0.614
TJ = 25°C
VADJ
Adjust pin voltage (A grade)(1)
V
2.7 V
≤ VIN ≤ 5.5 V
0.587
0.623
10 mA
≤ IOUT ≤ 1.5 A
2.7 V
≤ VIN ≤ 5.5 V
50
nA
TJ = 25°C
IADJ
ADJUST pin bias current
2.7 V
≤ VIN ≤ 5.5 V
750
nA
IOUT = 1.5 A
220
275
mV
TJ = 25°C
VDO
Dropout voltage(2)
IOUT = 1.5 A
375
mV
2.7 V
≤ VIN ≤ 5.5 V
0.04
%/V
ΔVOUT /
TJ = 25°C
Output voltage line regulation(1)(3)
ΔVIN
2.7 V
≤ VIN ≤ 5.5 V
0.05
%/V
10 mA < IOUT < 1.5 A
0.18
%/A
ΔVOUT /
Output voltage load regulation(1)
TJ = 25°C
ΔIOUT
(4)
10 mA < IOUT < 1.5 A
0.33
%/A
10 mA < IOUT < 1.5 A
2
3.5
Ground pin current in normal
TJ = 25°C
IGND
mA
operation mode
10 mA < IOUT < 1.5 A
4.5
VEN < VIL(EN), TJ = 25°C
0.025
0.125
IDISABLED
Ground pin current
µA
VEN < VIL(EN)
15
IOUT(PK)GN
Peak output current
VOUT ≥ VOUT(NOM) – 5%
3.6
A
D
ISC
VOUT = 0 V, TJ = 25°C
3.7
A
Short-circuit current
VOUT = 0 V
2
ENABLE INPUT (LP38502 Only)
VIH(EN)
Enable logic high
VOUT = ON
1.4
V
VIL(EN)
Enable logic low
VOUT = OFF
0.65
V
Time from VEN < VIL(EN) to VOUT =
td(off)
Turnoff delay
OFF
25
µs
ILOAD = 1.5 A
Time from VEN >VIH(EN) to VOUT = ON
td(on)
Turnon delay
25
µs
ILOAD = 1.5A
IIH(EN)
Enable pin high current
VEN = VIN
1
nA
IIL(EN)
Enable pin low current
VEN = 0 V
0.1
(1)
The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included
in the adjust voltage tolerance specification.
(2)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. For
any output voltage less than 2.5V, the minimum VIN operating voltage is the limiting factor.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
(4)
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in the load current.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38500-ADJ LP38502-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com