Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38500 Datasheet HTML 9Page - Texas Instruments LP38500 Datasheet HTML 10Page - Texas Instruments LP38500 Datasheet HTML 11Page - Texas Instruments LP38500 Datasheet HTML 12Page - Texas Instruments LP38500 Datasheet HTML 13Page - Texas Instruments LP38500 Datasheet HTML 14Page - Texas Instruments LP38500 Datasheet HTML 15Page - Texas Instruments LP38500 Datasheet HTML 16Page - Texas Instruments LP38500 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LP38500-ADJ, LP38502-ADJ
www.ti.com
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP38500-ADJ and LP38502-ADJ devices can provide 1.5-A output current with 2.7-V to 5.5-V input voltage.
These ultra-low-dropout linear regulators respond very quickly to step changes in load, making them suitable for
low-voltage microprocessor applications. Input and output capacitors of at least 10 µF are required.
8.2 Typical Applications
Figure 17. Typical Circuit (LP38500)
Figure 18. Typical Circuit (LP38502)
8.2.1 Design Requirements
For LP3850x-ADJ typical applications, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETERS
VALUE
Input voltage
2.7 V to 5.5 V
Output voltage
0.6 V to 5 V (adjustable)
Output current
1.5 A (maximum)
Input capacitor
10 µF (minimum)
Output capacitor
10 uF (minimum)
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
The LP38500-ADJ and LP38502-ADJ require that at least 10-µF (±20%) capacitors be used at the input and
output pins located within one cm of the device. Larger capacitors may be used without limit on size for both CIN
and COUT. Capacitor tolerances such as temperature variation and voltage loading effects must be considered
when selecting capacitors to ensure that they will provide the minimum required amount of capacitance under all
operating conditions for the application.
In general, ceramic capacitors are best for noise bypassing and transient response because of their ultra low
ESR. It must be noted that if ceramics are used, only the types with X5R or X7R dielectric ratings should be used
(never Z5U or Y5F). Capacitors which have the Z5U or Y5F characteristics will see a drop in capacitance of as
much as 50% if their temperature increases from 25°C to 85°C. In addition, the capacitance drops significantly
with applied voltage: a typical Z5U or Y5F capacitor can lose as much as 60% of its rated capacitance if only half
of the rated voltage is applied to it. For these reasons, only X5R and X7R ceramics should be used.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38500-ADJ LP38502-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com