Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 1 Page - Texas Instruments

  LP38500 Datasheet HTML 1Page - Texas Instruments LP38500 Datasheet HTML 2Page - Texas Instruments LP38500 Datasheet HTML 3Page - Texas Instruments LP38500 Datasheet HTML 4Page - Texas Instruments LP38500 Datasheet HTML 5Page - Texas Instruments LP38500 Datasheet HTML 6Page - Texas Instruments LP38500 Datasheet HTML 7Page - Texas Instruments LP38500 Datasheet HTML 8Page - Texas Instruments LP38500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP38500-ADJ, LP38502-ADJ
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator
for 2.7-V to 5.5-V Inputs
1 Features
3 Description
TI's FlexCap low-dropout (LDO) linear regulators
1
•
Input Voltage: 2.7 V to 5.5 V
feature unique compensation that allow use of any
•
Adjustable Output Voltage: 0.6 V to 5 V
type of output capacitor with no limits on minimum or
•
FlexCap: Stable with Ceramic, Tantalum, or
maximum equivalent series resistance (ESR). The
Aluminum Capacitors
LP38500 and LP38502 series of LDOs operates from
a 2.7-V to 5.5-V input supply. These ultra-low-dropout
•
Stable with 10-µF Input and Output Capacitors
linear
regulators
respond
very
quickly
to
step
•
Low Ground-Pin Current
changes in load, making them suitable for low-voltage
•
25-nA Quiescent Current in Shutdown Mode
microprocessor applications. Developed on a CMOS
process (utilizing a PMOS pass transistor) the
•
Ensured Output Current of 1.5 A
LP38500-ADJ and LP38502-ADJ have low quiescent
•
Ensured VADJ Accuracy of ±1.5% at 25°C (A
currents that changes little with load current.
Grade)
•
GND Pin Current: Typically 2 mA at 1.5-A load
•
Ensured Accuracy of ±3.5% at 25°C (STD)
current.
•
Overtemperature and Overcurrent Protection
•
Disable Mode: Typically 25-nA quiescent current
•
ENABLE Pin (LP38502)
when the EN pin is pulled low. (LP38502-ADJ)
•
Simplified Compensation: Stable with any type of
2 Applications
output capacitor, regardless of ESR.
•
Precision Output: A grade versions available with
•
ASIC Power Supplies In:
1.5% VADJ tolerance (25°C) and 3% over line,
–
Printers, Graphics Cards, DVD Players
load, and temperature.
–
Set Top Boxes, Copiers, Routers
Device Information(1)
•
DSP and FPGA Power Supplies
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
SMPS Regulator
DDPAK/TO-263 (5)
10.16 mm x 8.42 mm
•
Conversion from 3.3-V or 5-V Rail
LP38500
TO-263 (5)
10.16 mm x 9.85 mm
LP38502
WSON (8)
3.00 mm x 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Circuit (LP38500)
Typical Circuit (LP38502)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP38500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38500-ADJ NSC-LP38500-ADJ Datasheet
343Kb / 16P
1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
logo
National Semiconductor ...
LP38500ASD-ADJ NSC-LP38500ASD-ADJ Datasheet
343Kb / 16P
1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38500ASD-ADJ/NOPB TI-LP38500ASD-ADJ/NOPB Datasheet
1Mb / 23P
LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
More results

Similar Description - LP38500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38501-ADJ NSC-LP38501-ADJ Datasheet
338Kb / 16P
3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38500-ADJ NSC-LP38500-ADJ Datasheet
343Kb / 16P
1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Texas Instruments
LP38500-ADJ TI-LP38500-ADJ Datasheet
1Mb / 23P
LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38502SDX-ADJ TI1-LP38502SDX-ADJ Datasheet
1Mb / 23P
LP38500/2-ADJ, LP38500A/2A-ADJ 1.5A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TS-ADJ TI1-LP38501TS-ADJ Datasheet
1Mb / 22P
LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
LP38502-ADJ TI-LP38502-ADJ Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38501-ADJ TI-LP38501-ADJ_15 Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP38503-ADJ TI-LP38503-ADJ_15 Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 3-A FlexCap Low Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com