Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38500 Datasheet HTML 6Page - Texas Instruments LP38500 Datasheet HTML 7Page - Texas Instruments LP38500 Datasheet HTML 8Page - Texas Instruments LP38500 Datasheet HTML 9Page - Texas Instruments LP38500 Datasheet HTML 10Page - Texas Instruments LP38500 Datasheet HTML 11Page - Texas Instruments LP38500 Datasheet HTML 12Page - Texas Instruments LP38500 Datasheet HTML 13Page - Texas Instruments LP38500 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LP38500-ADJ, LP38502-ADJ
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 13. LP38502-ADJ WSON Block Diagram
7.3 Feature Description
7.3.1 Stability And Phase Margin
Any regulator which operates using a feedback loop must be compensated in such a way as to ensure adequate
phase margin, which is defined as the difference between the phase shift and –180 degrees at the frequency
where the loop gain crosses unity (0 dB). For most LDO regulators, the ESR of the output capacitor is required to
create a zero to add enough phase lead to ensure stable operation. The LP38500-ADJ and LP38502-ADJ each
have a unique internal compensation circuit which maintains phase margin regardless of the ESR of the output
capacitor, so any type of capacitor may be used.
Figure 14 shows the gain/phase plot of the LP38500-ADJ and LP38502-ADJ with an output of 1.2 V, a 10-µF
ceramic output capacitor, delivering 1.5 A of load current. It can be seen that the unity-gain crossover occurs at
150 kHz, and the phase margin is about 40° (which is very stable).
Figure 14. Gain-Bandwidth Plot for 1.5-A Load
Figure 15 shows the gain and phase with no external load. In this case, the only load is provided by the gain
setting resistors (about 12 k
Ω total in this test). It is immediately obvious that the unity-gain frequency is
significantly lower (dropping to about 500 Hz), at which point the phase margin is 125°.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38500-ADJ LP38502-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com