Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38500 Datasheet HTML 2Page - Texas Instruments LP38500 Datasheet HTML 3Page - Texas Instruments LP38500 Datasheet HTML 4Page - Texas Instruments LP38500 Datasheet HTML 5Page - Texas Instruments LP38500 Datasheet HTML 6Page - Texas Instruments LP38500 Datasheet HTML 7Page - Texas Instruments LP38500 Datasheet HTML 8Page - Texas Instruments LP38500 Datasheet HTML 9Page - Texas Instruments LP38500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LP38500-ADJ, LP38502-ADJ
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified VIN = 3.3 V, IOUT = 10 mA, CIN = 10 μF, COUT = 10 μF, VEN = VIN, VOUT = 1.8 V. Minimum and
maximum limits apply over the junction temperature (TJ) range of –40°C to +125°C and are specified through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PARAMETERS
VIN = 3 V, IOUT = 1.5 A, ƒ = 120 Hz
58
PSRR
Ripple rejection
dB
VIN = 3 V, IOUT = 1.5 A, ƒ = 1 kHz
56
ρn(l/f)
Output noise density
ƒ = 120 Hz, COUT = 10 µF CER
1
µV/
√Hz
BW = 100 Hz – 100 kHz
en
Output noise voltage
100
µV(rms)
COUT = 10 µF CER
THERMALS
TSD
Thermal shutdown
TJ rising
170
—
°C
ΔTSD
Thermal shutdown hysteresis
TJ falling from TSD
10
—
°C
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38500-ADJ LP38502-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com