Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38500 Datasheet HTML 7Page - Texas Instruments LP38500 Datasheet HTML 8Page - Texas Instruments LP38500 Datasheet HTML 9Page - Texas Instruments LP38500 Datasheet HTML 10Page - Texas Instruments LP38500 Datasheet HTML 11Page - Texas Instruments LP38500 Datasheet HTML 12Page - Texas Instruments LP38500 Datasheet HTML 13Page - Texas Instruments LP38500 Datasheet HTML 14Page - Texas Instruments LP38500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
P
L
OUT
1
F
2
R
C

K 5 K
K
LP38500-ADJ, LP38502-ADJ
www.ti.com
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
Feature Description (continued)
Figure 15. Gain-Bandwidth Plot for No Load
The reduction in unity-gain bandwidth as load current is reduced is normal for any LDO regulator using a P-FET
or PNP pass transistor, because they have a pole in the loop gain function given by:
(1)
This illustrates how the pole goes to the highest frequency when RL is minimum value (maximum load current).
In general, LDOs have maximum bandwidth (and lowest phase margin) at full load current. In the case of the
LP38500-ADJ or LP38502-ADJ, it can be seen that it has good phase margin even when using ceramic
capacitors with ESR values of only a few m
Ω.
7.3.2 Load Transient Response
Load transient response is defined as the change in regulated output voltage which occurs as a result of a
change in load current. Many applications have loads which vary, and the control loop of the voltage regulator
must adjust the current in the pass FET transistor in response to load current changes. For this reason,
regulators with wider bandwidths often have better transient response.
The LP38500-ADJ and LP38502-ADJ employs an internal feed-forward design which makes the load transient
response much faster than would be predicted simply by loop speed: this feedforward means any voltage
changes appearing on the output are coupled through to the high-speed driver used to control the gate of the
pass FET along a signal path using very fast FET devices. Because of this, the pass transistor’s current can
change very quickly.
Figure 15 shows the output voltage load transient which occurs on a 1.8-V output when the load changes from
0.1 A to 1.5 A at an average slew rate of 0.5 A/µs. As shown, the peak output voltage change from nominal is
about 40 mV, which is about 2.2%.
Figure 16. Load Transient Response
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38500-ADJ LP38502-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com