Electronic Components Datasheet Search
  English  ▼

X  

LP38500 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38500
Description  LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38500 Datasheet(HTML) 3 Page - Texas Instruments

  LP38500 Datasheet HTML 1Page - Texas Instruments LP38500 Datasheet HTML 2Page - Texas Instruments LP38500 Datasheet HTML 3Page - Texas Instruments LP38500 Datasheet HTML 4Page - Texas Instruments LP38500 Datasheet HTML 5Page - Texas Instruments LP38500 Datasheet HTML 6Page - Texas Instruments LP38500 Datasheet HTML 7Page - Texas Instruments LP38500 Datasheet HTML 8Page - Texas Instruments LP38500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LP38500-ADJ, LP38502-ADJ
www.ti.com
SNVS539H – NOVEMBER 2007 – REVISED SEPTEMBER 2015
5 Pin Configurations and Functions
KTT Package (LP38500)
KTT Package (LP38502)
5-Pin DDPAK/TO-263
5-Pin DDPAK/TO-263
Top View
Top View
NDQ Package (LP38500)
NDQ Package (LP38502)
5-Pin TO-263
5-Pin TO-263
Top View
Top View
NGS Package (LP38500A)
NGS Package (LP38502A)
8-Pin WSON
8-Pin WSON
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
KTT
NDQ
NGS
ADJ
5
5
8
O
Sets output voltage
Enable (LP38502-ADJ only). Pull high to enable the output, low to disable the output.
EN
1
1
2
I
This pin has no internal bias and must be either tied to the input voltage, or actively
driven.
GND
3
3
1
G
Ground
Input supply (LP38500-ADJ only). Input supply pins share current and must be
IN
—
—
2
I
connected together on the PC board.
Input supply. Input Supply pins share current and must be connected together on the
IN
2
2
3, 4
I
PC board.
In the LP38500-ADJ, this pin has no internal connections. It can be left floating or used
N/C
1
1
—
—
for trace routing.
Regulated output voltage. Output pins share current and must be connected together on
OUT
4
4
5, 6, 7
O
the PC board.
The DAP is used to remove heat from the device by conducting it to a copper clad area
on the PCB which acts as a heatsink. The DAP is electrically connected to the backside
DAP
√
√
√
—
of the die. The DAP must be connected to ground potential, but can not be used as the
only ground connection.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38500-ADJ LP38502-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com