Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2188 Datasheet HTML 1Page - Texas Instruments OPA2188 Datasheet HTML 2Page - Texas Instruments OPA2188 Datasheet HTML 3Page - Texas Instruments OPA2188 Datasheet HTML 4Page - Texas Instruments OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
OPA2188
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Zero-Drift Amplifier Portfolio ................................ 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: High-Voltage Operation, VS
= ±4 V to ±18 V (VS = 8 V to 36 V)............................ 5
7.6
Electrical Characteristics: Low-Voltage Operation, VS
= ±2 V to < ±4 V (VS = +4 V to < +8 V) ..................... 7
7.7
Typical Characteristics: Table of Graphs .................. 9
7.8
Typical Characteristics ............................................ 10
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 20
9
Application and Implementation ........................ 21
9.1
Application Information............................................ 21
9.2
Typical Applications ................................................ 21
9.3
System Examples ................................................... 22
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 25
11.1
Layout Guidelines ................................................. 25
11.2
Layout Example .................................................... 25
12
Device and Documentation Support ................. 26
12.1
Device Support .................................................... 26
12.2
Documentation Support ....................................... 27
12.3
Receiving Notification of Documentation Updates 27
12.4
Community Resource............................................ 27
12.5
Trademarks ........................................................... 27
12.6
Electrostatic Discharge Caution ............................ 27
12.7
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (September 2012) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Changed Input Bias Current, IB and IOS parameters overtemperature maximum specification in Electrical
Characteristics: High-Voltage Operation table ....................................................................................................................... 5
•
Changed Noise, Input voltage noise density parameter units in Electrical Characteristics: High-Voltage Operation table ... 5
•
Changed Power Supply, IQ parameter maximum specifications in Electrical Characteristics: High-Voltage Operation
table ....................................................................................................................................................................................... 6
•
Changed Input Bias Current, IB and IOS parameters overtemperature maximum specification in Electrical
Characteristics: Low-Voltage Operation table ....................................................................................................................... 7
•
Changed Noise, Input voltage noise density parameter units in Electrical Characteristics: Low-Voltage Operation
table ....................................................................................................................................................................................... 7
•
Changed Power Supply, IQ parameter maximum specifications in Electrical Characteristics: Low-Voltage Operation
table ....................................................................................................................................................................................... 8
Changes from Revision A (June 2012) to Revision B
Page
•
Changed second to last Applications bullet............................................................................................................................ 1
Changes from Original (August 2011) to Revision A
Page
•
Deleted all references to OPA188 and OPA4188 throughout document ............................................................................... 1
•
Updated document to current standards ................................................................................................................................ 1
•
Changed document status to Production Data....................................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com