Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 33 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 29Page - Texas Instruments OPA2188 Datasheet HTML 30Page - Texas Instruments OPA2188 Datasheet HTML 31Page - Texas Instruments OPA2188 Datasheet HTML 32Page - Texas Instruments OPA2188 Datasheet HTML 33Page - Texas Instruments OPA2188 Datasheet HTML 34Page - Texas Instruments OPA2188 Datasheet HTML 35Page - Texas Instruments OPA2188 Datasheet HTML 36Page - Texas Instruments OPA2188 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X 0.65
2X
1.95
8X
0.38
0.25
5.05
4.75
TYP
SEATING
PLANE
0.15
0.05
0.25
GAGE PLANE
0 -8
1.1 MAX
0.23
0.13
B
3.1
2.9
NOTE 4
A
3.1
2.9
NOTE 3
0.7
0.4
VSSOP - 1.1 mm max height
DGK0008A
SMALL OUTLINE PACKAGE
4214862/A 04/2023
1
4
5
8
0.13
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-187.
PowerPAD is a trademark of Texas Instruments.
A 20
DETAIL A
TYPICAL
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com