Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2188 Datasheet HTML 1Page - Texas Instruments OPA2188 Datasheet HTML 2Page - Texas Instruments OPA2188 Datasheet HTML 3Page - Texas Instruments OPA2188 Datasheet HTML 4Page - Texas Instruments OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
145
125
105
85
65
45
25
5
-
55
-
15
5
25
125
Temperature( C)
°
-
35
45
65
OPA2188Zero-DriftArchitecture
PrecisionLaserTrimArchitecture
85
105
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA2188
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output,
36-V, Zero-Drift Operational Amplifiers
1
1 Features
1
•
Low Offset Voltage: 25 μV (Maximum)
•
Zerø-Drift: 0.03 μV/°C
•
Low Noise: 8.8 nV/
√Hz
0.1-Hz to 10-Hz Noise: 0.25 µVPP
•
Excellent DC Precision:
PSRR: 142 dB
CMRR: 146 dB
Open-Loop Gain: 136 dB
•
Gain Bandwidth: 2 MHz
•
Quiescent Current: 475 μA (Maximum)
•
Wide Supply Range: ±2 V to ±18 V
•
Rail-to-Rail Output:
Input Includes Negative Rail
•
RFI Filtered Inputs
•
MicroSIZE Packages
2 Applications
•
Bridge Amplifiers
•
Strain Gauges
•
Test Equipment
•
Transducer Applications
•
Temperature Measurement
•
Electronic Scales
•
Medical Instrumentation
•
Resistance Temperature Detectors
•
Precision Active Filters
3 Description
The
OPA2188
operational
amplifier
uses
TI
proprietary auto-zeroing techniques to provide low
offset voltage (25 μV, maximum), and near zero-drift
over time and temperature. This miniature, high-
precision, low quiescent current amplifier offers high
input impedance and rail-to-rail output swing within 15
mV of the rails. The input common-mode range
includes the negative rail. Either single or dual
supplies can be used in the range of 4 V to 36 V (±2
V to ±18 V).
The OPA2188 device is available in MSOP-8 and
SO-8 packages. The device is specified for operation
from –40°C to +105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA2188
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Offset Voltage vs Temperature


Similar Part No. - OPA2188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2188 TI1-OPA2188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2188 TI1-OPA2188 Datasheet
1Mb / 37P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift, Automotive-Grade Operational Amplifier
OPA2188 TI-OPA2188 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
OPA2188 TI-OPA2188 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
More results

Similar Description - OPA2188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com