Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2188 Datasheet HTML 1Page - Texas Instruments OPA2188 Datasheet HTML 2Page - Texas Instruments OPA2188 Datasheet HTML 3Page - Texas Instruments OPA2188 Datasheet HTML 4Page - Texas Instruments OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
OPA2188
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current-limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage
±20, 40
(single supply)
V
Signal input terminals, voltage(2)
(V–) – 0.5
(V+) + 0.5
V
Current
Signal input terminals, current(2)
–10
10
mA
Output short-circuit(3)
Continuous
Temperature
Operating, TA
–55
125
°C
Junction, TJ
150
°C
Storage, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
4 (±2)
36 (±18)
V
TA
Specified temperature range
-40
+105
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
7.4 Thermal Information
THERMAL METRIC(1)
OPA2188ID
OPA2188IDGK
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
111
159.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.9
37.4
°C/W
RθJB
Junction-to-board thermal resistance
51.7
48.5
°C/W
ψJT
Junction-to-top characterization parameter
9.3
1.2
°C/W
ψJB
Junction-to-board characterization parameter
51.1
77.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com