Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 2Page - Texas Instruments OPA2188 Datasheet HTML 3Page - Texas Instruments OPA2188 Datasheet HTML 4Page - Texas Instruments OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments OPA2188 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
OPA2188
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics: High-Voltage Operation, VS = ±4 V to ±18 V (VS = 8 V to 36
V) (continued)
at TA = 25°C, RL = 10 kΩ connected to VS/2, and VCOM = VOUT = VS/2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing from rail
No load
6
15
mV
RL = 10 kΩ
220
250
mV
RL = 10 kΩ, TA = –40°C to +105°C
310
350
mV
ISC
Short-circuit current
±18
mA
RO
Open-loop output resistance
f = 1 MHz, IO = 0
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
VS
Operating voltage
4 to 36 (±2 to ±18)
V
IQ
Quiescent current (per amplifier)
VS = ±4 V to VS = ±18 V
415
510
μA
IO = 0 mA, TA = –40°C to +105°C
600
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com