Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 17Page - Texas Instruments OPA2188 Datasheet HTML 18Page - Texas Instruments OPA2188 Datasheet HTML 19Page - Texas Instruments OPA2188 Datasheet HTML 20Page - Texas Instruments OPA2188 Datasheet HTML 21Page - Texas Instruments OPA2188 Datasheet HTML 22Page - Texas Instruments OPA2188 Datasheet HTML 23Page - Texas Instruments OPA2188 Datasheet HTML 24Page - Texas Instruments OPA2188 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
V+
ILOAD
A1
A2
Q1
Q2
+
+
+
±
VIN
RLOAD
RS1
RS2
RS3
IRS1
IRS2
IRS3
VRS2
VRS3
VRS1
VLOAD
V+
C6
C7
R3
R5
R4
R2
470
4.7
2200 pF
330
10 k
200
1000 pF
10 k
2 k
Copyright © 2016, Texas Instruments Incorporated
21
OPA2188
www.ti.com
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.2 Typical Applications
9.2.1 High-Side Voltage-to-Current (V-I) Converter
The circuit shown in Figure 44 is a high-side voltage-to-current (V-I) converter. It translates in input voltage of 0 V
to 2 V to and output current of 0 mA to 100 mA. Figure 45 shows the measured transfer function for this circuit.
The low offset voltage and offset drift of the OPA2188 facilitate excellent dc accuracy for the circuit.
Figure 44. High-Side Voltage-to-Current (V-I) Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com