Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 35 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 31Page - Texas Instruments OPA2188 Datasheet HTML 32Page - Texas Instruments OPA2188 Datasheet HTML 33Page - Texas Instruments OPA2188 Datasheet HTML 34Page - Texas Instruments OPA2188 Datasheet HTML 35Page - Texas Instruments OPA2188 Datasheet HTML 36Page - Texas Instruments OPA2188 Datasheet HTML 37Page - Texas Instruments OPA2188 Datasheet HTML 38Page - Texas Instruments OPA2188 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (1.4)
8X (0.45)
6X (0.65)
(4.4)
(R0.05) TYP
VSSOP - 1.1 mm max height
DGK0008A
SMALL OUTLINE PACKAGE
4214862/A 04/2023
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
SCALE: 15X
SYMM
SYMM
1
4
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com