Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments OPA2188 Datasheet HTML 10Page - Texas Instruments OPA2188 Datasheet HTML 11Page - Texas Instruments OPA2188 Datasheet HTML 12Page - Texas Instruments OPA2188 Datasheet HTML 13Page - Texas Instruments OPA2188 Datasheet HTML 14Page - Texas Instruments OPA2188 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
40
35
30
25
20
15
10
5
0
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
(V )<V
<(V+)
1.5V
-
CM
-
(V )+0.5V<V
<(V+)
1.5V
-
-
CM
V
= 2V
±
SUPPLY
8
7
6
5
4
3
2
1
0
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
(V )<V
<(V+)
1.5V
-
CM
-
(V )+0.5V<V
<(V+)
1.5V
-
-
CM
V
= 18V
±
SUPPLY
20
0
2
4
6
8
24
OutputCurrent(mA)
10
12
18
17
16
15
14
-14
-15
-16
-17
-20
16
14
-
°
40 C
+85 C
°
+125 C
°
22
20
19
18
-19
-18
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
1M
Frequency(Hz)
100k
+PSRR
-PSRR
CMRR
500
400
300
200
100
0
100
200
300
-
-
-
-20
-10
-5
0
5
20
V
(V)
CM
10
-15
+I
B
-IB
I
OS
15
4000
3000
2000
1000
0
1000
2000
-
-
-55
-35
-15
5
25
125
Temperature( C)
°
45
105
85
65
I
B+
I
B-
I
OS
11
OPA2188
www.ti.com
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 7. IB and IOS vs Common-Mode Voltage
Figure 8. Input Bias Current vs Temperature
Figure 9. Output Voltage Swing vs Output Current
(Maximum Supply)
Figure 10. CMRR and PSRR vs Frequency (Referred-to-
Input)
Figure 11. CMRR vs Temperature
Figure 12. CMRR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com