Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 24Page - Texas Instruments OPA2188 Datasheet HTML 25Page - Texas Instruments OPA2188 Datasheet HTML 26Page - Texas Instruments OPA2188 Datasheet HTML 27Page - Texas Instruments OPA2188 Datasheet HTML 28Page - Texas Instruments OPA2188 Datasheet HTML 29Page - Texas Instruments OPA2188 Datasheet HTML 30Page - Texas Instruments OPA2188 Datasheet HTML 31Page - Texas Instruments OPA2188 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
OPA2188AID
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
(2188, OPA2188)
OPA2188AID.A
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
(2188, OPA2188)
OPA2188AID.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
(2188, OPA2188)
OPA2188AIDG4.A
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDG4.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKR
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
NIPDAU | NIPDAUAG
| NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKR.A
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKR.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKT
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
NIPDAU | NIPDAUAG
| NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKT.A
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKT.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKTG4.A
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDGKTG4.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
2188
OPA2188AIDR
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
(2188, OPA2188)
OPA2188AIDR.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
(2188, OPA2188)
OPA2188AIDR.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
(2188, OPA2188)
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com