Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA2188
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments OPA2188 Datasheet HTML 10Page - Texas Instruments OPA2188 Datasheet HTML 11Page - Texas Instruments OPA2188 Datasheet HTML 12Page - Texas Instruments OPA2188 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
OPA2188
www.ti.com
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.7 Typical Characteristics: Table of Graphs
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE NO.
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4, Figure 5
Offset Voltage vs Power Supply
Figure 6
IB and IOS vs Common-Mode Voltage
Figure 7
Input Bias Current vs Temperature
Figure 8
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 9
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 10
CMRR vs Temperature
Figure 11, Figure 12
PSRR vs Temperature
Figure 13
0.1-Hz to 10-Hz Noise
Figure 14
Input Voltage Noise Spectral Density vs Frequency
Figure 15
THD+N Ratio vs Frequency
Figure 16
THD+N vs Output Amplitude
Figure 17
Quiescent Current vs Supply Voltage
Figure 18
Quiescent Current vs Temperature
Figure 19
Open-Loop Gain and Phase vs Frequency
Figure 20
Closed-Loop Gain vs Frequency
Figure 21
Open-Loop Gain vs Temperature
Figure 22
Open-Loop Output Impedance vs Frequency
Figure 23
Small-Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 24, Figure 25
No Phase Reversal
Figure 26
Positive Overload Recovery
Figure 27
Negative Overload Recovery
Figure 28
Small-Signal Step Response (100 mV)
Figure 29, Figure 30
Large-Signal Step Response
Figure 31, Figure 32
Large-Signal Settling Time (10-V Positive Step)
Figure 33
Large-Signal Settling Time (10-V Negative Step)
Figure 34
Short-Circuit Current vs Temperature
Figure 35
Maximum Output Voltage vs Frequency
Figure 36
Channel Separation vs Frequency
Figure 37
EMIRR IN+ vs Frequency
Figure 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com