Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 26 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 26 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 22Page - TE Connectivity Ltd 927770-6 Datasheet HTML 23Page - TE Connectivity Ltd 927770-6 Datasheet HTML 24Page - TE Connectivity Ltd 927770-6 Datasheet HTML 25Page - TE Connectivity Ltd 927770-6 Datasheet HTML 26Page - TE Connectivity Ltd 927770-6 Datasheet HTML 27Page - TE Connectivity Ltd 927770-6 Datasheet HTML 28Page - TE Connectivity Ltd 927770-6 Datasheet HTML 29Page - TE Connectivity Ltd 927770-6 Datasheet HTML 30Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 260 page
background image
Receptacle Contacts
Timer Contact System
Micro Timer I
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
4
Material
Temperature
(° C)
Current Carrying Capacity
(Ampere)
0.35 mm2
0.50 mm2
0.75 mm2
CuSn
20
3.0
5.0
8.0
90
1.5
2.0
4.0
CuFe
20
4.0
6.0
10.00
90
1.5
2.5
5.0
Max. Current in 9 Position Housing
Technical Features
Contact Material:
CuSn, CuFe
Cantilever Spring: Stainless Steel
Contact Finish:
pre-tin plated, gold plated
Wire Size Range:
0.2–1.5 mm2 FLR
(thin walled wire)
Contact Resistance (New State):
CuSn: < 5 m
CuFe:< 4 m
Total Temperature max.:
–40 °C to +120 °C (tin plated)
–40 °C to +140 °C (gold plated)
Mating Cycles:
10 (tin plated)
100 (gold plated)
Insertion Force,:
max. 5 N (proof tab 0.8 mm thick)
Extraction Force,:
min. 2 N (proof tab 0.8 mm thick)
Retention Force (from Housing):
– without second locking device
> 25 N
– second locking device only
>100 N
depends on housing material
Dimensions of Male Contacts:
1.6 mm x 0.8 mm
Product Group Drawing:
1703333
,) Measured with an Steel Test Tab
(see Product Spec. 108-18279).
2.4
2.4
18.7
,) Material and Finish:
xxx-1 = CuSn, pre-tin plated
xxx-2 = CuSn, gold plated
xxx-3 = CuFe, pre-tin plated
xxx-4 = CuFe, gold plated
xxx-7 = CuSn, gold plated, short-circuit execution
xxx-8 = CuFe, gold plated, short-circuit execution
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Receptacle Contacts
Wire Size
Range
(mm2)
0.2–0.5
–
1.2–1.6
-1 / -2 / -3 / -4
929950
7,500
929951
1,500
1528493
0.35–0.75
–
1.2–1.9
-1 / -2 / -3 / -4
928939
6,000
929927
1,000
on request
2063538-1
0.5–1.0
–
1.4–2.1
-1 / -2 / -3 / -4 / -7/ -8
929952
6,000
929953
1,500
1528020
1.0–1.5
–
1.9–2.4
-1 / -2 / -3 / -4
929954
5,000
929955
1,500
1528706
Extraction Tool:
Part No. 5-1579007-5
Product Specification:
108-18024
Application Specification:
114-18163
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com