Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 41 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 41 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 37Page - TE Connectivity Ltd 927770-6 Datasheet HTML 38Page - TE Connectivity Ltd 927770-6 Datasheet HTML 39Page - TE Connectivity Ltd 927770-6 Datasheet HTML 40Page - TE Connectivity Ltd 927770-6 Datasheet HTML 41Page - TE Connectivity Ltd 927770-6 Datasheet HTML 42Page - TE Connectivity Ltd 927770-6 Datasheet HTML 43Page - TE Connectivity Ltd 927770-6 Datasheet HTML 44Page - TE Connectivity Ltd 927770-6 Datasheet HTML 45Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 260 page
background image
Tab Contacts Side Feed
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
19
Tabs 2.8 x 0.8 mm
Side Feed,
Mates with
Junior Power Timer
Contact Material:
CuZn, CuSn, CuNiSi
Contact Finish:
plain, pre-tin plated,
silver plated, gold plated
Wire Size Range:
0.2–3.0 mm2 (FLR)
Extraction Tool:
Part No. 725864-1
Part No. 1-1579007-4
Product Group Drawing:
1670467
Product Specification:
108-18299
Application Specification:
114-18014
,) Material and Finish:
xxx-1 = CuSn, plain
xxx-2 = CuSn, pre-tin plated
xxx-3 = CuNi, pre-tin plated
xxx-4 = CuSn, contact area gold plated
xxx-5 = CuSn, contact area silver plated
Additional Finishes on request.
8.5
22.0
0.8
2.8
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
,,
) Material and Finish:
See Product Group Drawing
0.2–0.5
–
1.1–1.6
-1 / -2 / -3 / -4
964131
6,000
964140
500
1528053
2063569-1
-1 / -2 / -3 / -4 / -5
,, 963961 ,,
5,000
,, 963962 ,,
500
1528530
1579001-2
-1 / -2 / -3 / -4 / -5
964132
4,000
964141
500
1238059
0.5–1.0
–
1.4–2.1
-1 / -2 / -3 / -4 / -5
,, 927892 ,,
4,000
,, 928923 ,,
500
1426070
2063527-1
-1 / -2 / -3 / -4 / -5
,, 928930 ,,
4,000
,, 928931 ,,
500
1528384
–
> 1.0–2.5 >
–
2.2–3.0
-1 / -2 / -3 / -4
964133
3,000
964142
500
on request
2063527-1
-1 / -2 / -3 / -4 / -5
,, 928781 ,,
4,000
,, 928794 ,,
500
1528377
734262-1
1.5–3.0
–
2.3–3.5
-1 / -2 / -3 / -4 / -5
,, 927893 ,,
3,250
,, 928924 ,,
500
1426445
–
0.5–1.0
–
1.4–2.1
-1 / -2 / -3 / -4 / -5 / -6 / -7
,, 929948 ,,
3,500
,, 965974 ,,
500
on request
–
> 1.0–2.5 >
–
2.2–3.0
-1 / -2 / -3 / -4 / -5
,, 929949 ,,
3,500
,, 965975 ,,
500
on request
–
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Tab Contacts
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Tab Contacts with Single Wire Sealing System
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com