Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 33 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 33 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 29Page - TE Connectivity Ltd 927770-6 Datasheet HTML 30Page - TE Connectivity Ltd 927770-6 Datasheet HTML 31Page - TE Connectivity Ltd 927770-6 Datasheet HTML 32Page - TE Connectivity Ltd 927770-6 Datasheet HTML 33Page - TE Connectivity Ltd 927770-6 Datasheet HTML 34Page - TE Connectivity Ltd 927770-6 Datasheet HTML 35Page - TE Connectivity Ltd 927770-6 Datasheet HTML 36Page - TE Connectivity Ltd 927770-6 Datasheet HTML 37Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 260 page
background image
Receptacle Contacts
Timer Contact System
Junior Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
11
Junior Timer Contact
– Modified –
Chamfered Springs
Junior Timer Contact
– Special Version –
Gap Size = 0.3 mm
0.3
Technical Features
Wire Size Range:
0.12–2.5 mm2
(suitable for insulation-reduced
stranded wires)
Current Carrying Capacity:
up to approx. 20 A
Insertion Force,:
approx. 8 N
Extraction Force,:
approx. 6 N
Contact Material:
CuZn or CuSn
Contact Finishes:
plain, tin plated, silver plated or
gold plated.
Special materials and finishes
on request.
Junior Timer Contacts Fit:
Tabs according DIN 46244
(2.8 x 0.8 mm), DIN 46343, Part 1,
as well as male connectors
(3.0 x 0.8 mm).
Special applications on request.
Additional Technical Features
on request.
Extraction Tools:
Part No. 1-1579007-4
Product Specification:
108-18053
Application Specification:
114-18079
,) Measured with an Steel Test Tab
(see Product Spec. 108-18279).
19.0
4.1
3.1
5.0
5.0
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com