Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 44 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 44 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 40Page - TE Connectivity Ltd 927770-6 Datasheet HTML 41Page - TE Connectivity Ltd 927770-6 Datasheet HTML 42Page - TE Connectivity Ltd 927770-6 Datasheet HTML 43Page - TE Connectivity Ltd 927770-6 Datasheet HTML 44Page - TE Connectivity Ltd 927770-6 Datasheet HTML 45Page - TE Connectivity Ltd 927770-6 Datasheet HTML 46Page - TE Connectivity Ltd 927770-6 Datasheet HTML 47Page - TE Connectivity Ltd 927770-6 Datasheet HTML 48Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 260 page
background image
Receptacle Contacts
Timer Contact System
Standard Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
22
Technical Features
Temperature Range:
–40 °C to +110 °C
Current Carrying Capacity:
25 A max.
(see Product Spec. 108-18054)
Wire Size Range:
0.2– 2.5 mm2 (suitable for
insulation-reduced stranded wires)
Insulation Diameter:
1.0– 4.3 mm
Contact Material:
CuZn, CuSn, CuFe, CuNiSi.
Additional materials and finishes
on request.
Insertion Force:
15 N
Extraction Force:
8 N
Standard Timer
Modified
(Chamfered Springs)
Modified
(Two Locking Lances)
Dimensions of Male Contacts:
6.3 x 0.8 mm,
5.8 x 0.8 mm and
4.8 x 0.8 mm
Product Specification:
108-18054
Application Specification:
114-18080
,) Material and Finish:
(except for Part Nos. 964201-4, 969036-4, 1241824-4)
xxx-1 = CuZn, pre-tin plated
xxx-2 = CuSn, pre-tin plated
xxx-3 = CuFe, pre-tin plated
xxx-4 = CuZn, pre-tin plated, different direction of top of reel
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
0.5–1.0
–
1.4–2.3
-1 / -2 / -3
2) 928820 1)
3,000
2) 1241823 1)0
1,500
1528583
539742-2
0.5–1.5
2.0–3.0
–
-1 / -2
2) 926965 1)
2,500
2) 927936 1)
1,000
1528252
539687-2
-4 3)
2) 969036 2)
2,500
–
–
1528252
1.0–2.5
3.0–4.3
–
-1
2) 926973 1)
2,500
2) 927937 1)
1,500
1528456
539687-2
Extraction Tool:
Part No. 1-1579007-4
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Receptacle Contacts
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Receptacle Contacts with Modified Chamfered Springs
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
0.2–0.5
–
1.0–1.6
-1 / -2
2) 1823562 2)0
2,500
––
1530543
–
1-xxx-1 / -1 / -2
926984
3,000
926985
2,500
1528274
539744-2
–
1.4–2.3
-1 / -2 / -3
927847
2,750
927848
0,500
1528583
539742-2
0.5–1.0
-1 / -2 / -3 / -4 3)
2) 964201 2)
2,500
2) 1241824 2)0
0,500
1528583
539742-2
2.0–3.3
–
-1 / -2 / -3
927865
2,500
927866
2,200
1426120
539687-2
> 1.0–2.5 >
–
2.1–3.1
-1 / -2 / -3
927849
2,500
927850
0,500
1426401
539742-2
2.7–4.0
–
-1 / -2 / -3
927879
2,000
927880
0,500
1426451
539687-2
0.5–1.5
2.0–3.0
–
-1 / -2 / -3
925575
2,500
925598
0,500
1528582
539687-2
2) 926005 1)
2,500
2) 926007 1)
1,000
-1 / -2 / -3
925612
2,500
925613
0,500
1528456
539687-2
1.0–2.5
2.4–3.7
–
2) 926006 1)
2,500
2) 926008 1)
1,000
-1 / -2 / -3 3)
2) 964202 2)
2,000
––
1528456
–
Remarks:
1) = Reinforced Locking Lance
2) = Two Locking Lances
3) = CuNiSi, pre-tin plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com