Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 29 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 29 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 25Page - TE Connectivity Ltd 927770-6 Datasheet HTML 26Page - TE Connectivity Ltd 927770-6 Datasheet HTML 27Page - TE Connectivity Ltd 927770-6 Datasheet HTML 28Page - TE Connectivity Ltd 927770-6 Datasheet HTML 29Page - TE Connectivity Ltd 927770-6 Datasheet HTML 30Page - TE Connectivity Ltd 927770-6 Datasheet HTML 31Page - TE Connectivity Ltd 927770-6 Datasheet HTML 32Page - TE Connectivity Ltd 927770-6 Datasheet HTML 33Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 260 page
background image
Tab Contacts
Timer Contact System
Micro Timer II and Micro Timer III
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
7
Tabs 1.6 x 0.6 mm
with Steel Top Spring,
Mates with
Micro Timer II
Extraction Tool:
Part No. 539960-1
Product Specification:
108-18331
Application Specification:
114-18082
Remarks:
1) = With Spring 1
,) Material and Finish:
xxx-1 = CuSn4, pre-tin plated
xxx-2 = CuFe2, pre-tin plated
xxx-3 = CuSn4, gold plated
xxx-4 = CuSn4, gold plated
5.7
22.4
8.0
5.7
1.6
0.6
0.4
1.2
0.32
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
Spring 1
0.2–0.5
–
1.15–1.60
-1 / -2 / -3
963898 1)
7,000
963899 1)
500
1528061
2063265-1
0.5–1.0
–
1.4–2.1
-1 / -2 / -3 / -4
963900 1)
6,000
963901 1)
500
1528256
0.2–0.5
–
1.15–1.60
-1 / -2 / -3
963902 1)
4,000
963903 1)
500
1528281
2063265-1
0.5–1.0
–
1.4–2.1
-1 / -2 / -3
963904 1)
4,000
963905 1)
500
1528054
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Tab Contacts
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Tab Contacts with Single Wire Sealing System
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com