Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 34 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 34 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 30Page - TE Connectivity Ltd 927770-6 Datasheet HTML 31Page - TE Connectivity Ltd 927770-6 Datasheet HTML 32Page - TE Connectivity Ltd 927770-6 Datasheet HTML 33Page - TE Connectivity Ltd 927770-6 Datasheet HTML 34Page - TE Connectivity Ltd 927770-6 Datasheet HTML 35Page - TE Connectivity Ltd 927770-6 Datasheet HTML 36Page - TE Connectivity Ltd 927770-6 Datasheet HTML 37Page - TE Connectivity Ltd 927770-6 Datasheet HTML 38Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 260 page
background image
Receptacle Contacts (continued)
Timer Contact System
Junior Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
12
,,,) Material and Finish:
xxx-1 = CuZn30, pre-tin plated
xxx-2 = CuSn4, pre-tin plated
xxx-3 = CuSn4, gold plated
xxx-4 = CuZn30, pre-silver plated
xxx-5 = CuSn4, pre-silver plated
xxx-6 = CuSn4, silver plated
,,,) Gap Size 0.3 mm
,,,) For Double and Single Termination
Remarks:
1) = CuSn4, pre-tin plated
2) = CuSn4, silver plated
3) = CuSn4, gold plated
4) = CuSn6, pre-tin plated
5) = CuSn6, gold plated
6) = with Lubricant
7) = Plain
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
0.12–0.25
0.9–1.4
–
-1 4) / -2 5)
926755
5,000
926756
500
1528556
58495-1
0.5–1.0
2.0–2.7
–
-1 / -2 1) / -3 / -4
927863
4,000
927864
500
1426120
0.5–1.5
2.0–3.0
–
-1 / -2 / -3 / -4 / -6
925590
4,000
925596
500
1528548
2063375-1
>1.0–2.5>
2.4–3.7
––
-1 / -2 / -3 2) / -4 / -5 3)
925595
3,750
925597
500
1528456
>1.0–2.5>
2.7–3.7
–
-1 / -2 / -4
927877
,,,
3,500
927878
,,,
500
1426451
0.2–0.5
–
1.2–1.6
-1 / -2 1) / -4
927871
5,000
927872
500
1528274
2063569-1
0.5–1.0
–
1.4–2.1
-1 / -2 1) / -3 / -4 / -5
927845
4,000
927846
500
1528583
2063645-1
>1.0–2.5>
–
2.2–3.0
-1 / -2 / -4 / -5
927856
3,750
927857
500
1426401
925871-1 1)
,,
4,000
925871-2 1)
,,
500
925871-3 3)
,,
4,000
925871-4 3)
,,
500
0.5–1.5
2.3–3.3
––
925871-5 7)
,,
4,000
–
500
1528548
2063375-1
925871-6 2)
,,
4,000
925871-7 2)
,,
500
927973-1 1)
,,
4,000
927973-2 1)
,,
500
927973-3 1) 6)
,,
4,000
927973-4 1) 6)
,,
500
0.5–1.5
2.3–3.3
–
-1 / -2 / -5
927966
3,750
929929
500
1528548
2063375-1
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Junior Timer Contacts with Modified Cantilever Spring
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Junior Timer Receptacle Contacts
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com