Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 59 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 59 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 55Page - TE Connectivity Ltd 927770-6 Datasheet HTML 56Page - TE Connectivity Ltd 927770-6 Datasheet HTML 57Page - TE Connectivity Ltd 927770-6 Datasheet HTML 58Page - TE Connectivity Ltd 927770-6 Datasheet HTML 59Page - TE Connectivity Ltd 927770-6 Datasheet HTML 60Page - TE Connectivity Ltd 927770-6 Datasheet HTML 61Page - TE Connectivity Ltd 927770-6 Datasheet HTML 62Page - TE Connectivity Ltd 927770-6 Datasheet HTML 63Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 260 page
background image
Introduction
Timer Interconnection System
Housings and Connectors
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
37
Receptacle and tab housings
are available for different
applications.
Free hanging coupling or
group connection. These
housings are available up to
100 contacts.
The speciality of the Timer
housings is that they are
suitable for high position con-
nections up to 100 positions.
In such high position connec-
tors a lever is uesed to provide
easy mating.
A additional special advantage
of the Timer contacts is its
robustness against inclined
mating (see picture).
Impassivity to Angular Contacting
α up to 5°
β up to 15°
γ up to 1°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com