Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 35 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 35 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 31Page - TE Connectivity Ltd 927770-6 Datasheet HTML 32Page - TE Connectivity Ltd 927770-6 Datasheet HTML 33Page - TE Connectivity Ltd 927770-6 Datasheet HTML 34Page - TE Connectivity Ltd 927770-6 Datasheet HTML 35Page - TE Connectivity Ltd 927770-6 Datasheet HTML 36Page - TE Connectivity Ltd 927770-6 Datasheet HTML 37Page - TE Connectivity Ltd 927770-6 Datasheet HTML 38Page - TE Connectivity Ltd 927770-6 Datasheet HTML 39Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 260 page
background image
Receptacle Contacts
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
13
Technical Features
Contact Material:
CuSn, CuFe, CuNiSi
Cantilever Spring: Stainless Steel
Contact Finish:
– tin plated
– silver plated
– selective gold plated
Wire Size Range:
0.2–2.5 mm2
FLK and FLR
Contact Resistance (New State):
CuFe: <2 m
CuSn: <3 m
Total Temperature max.:
–40 °C to +130 °C (tin plated)
–40 °C to +140 °C (silver plated)
–40 °C to +150 °C (gold plated)
Mating Cycles:
10 (tin plated)
50 (silver plated)
100 (gold plated)
Insertion Force,:
max. 15 N
Extraction Force,:
min. 1.5 N
Retention Force:
– from housings without second
locking device min. 100 N
– from housings only second
locking device min. 60 N
Dimensions of Male Contacts:
2.8 mm x 0.8 mm
Centerlines
(Standard/SWS):
5.0 x 5.5 mm
5.0 x 5.0 mm (Staggered)
Extraction Tool:
Part No. 1-1579007-6
Product Group Drawing:
1355046
1355047 (Modified Spring)
Product Specification:
108-18013
Application Specification:
114-18050
,) Measured with an Steel Test Tab
(see Product Spec. 108-18279).
Receptacle Contact
4.15
2.4
3.1
18.8 –21.0
3.6
5.0
0.32
0.8
With Modified Spring
2.4
3.1
18.8 –19.6
3.5
5.2
0.32
0.8
0.8
Material
Temperature
(° C)
Current Carrying Capacity
(Ampere)
1.0 mm2
1.5 mm2
2.5 mm2
CuSn
20
16.0
20.0
25.0
90
7.5
9.5
12.0
CuFe
20
15.0
19.0
22.5
90
7.0
9.0
11.0
Max. Current in 7 Position Housing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com