Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 7Page - TE Connectivity Ltd 927770-6 Datasheet HTML 8Page - TE Connectivity Ltd 927770-6 Datasheet HTML 9Page - TE Connectivity Ltd 927770-6 Datasheet HTML 10Page - TE Connectivity Ltd 927770-6 Datasheet HTML 11Page - TE Connectivity Ltd 927770-6 Datasheet HTML 12Page - TE Connectivity Ltd 927770-6 Datasheet HTML 13Page - TE Connectivity Ltd 927770-6 Datasheet HTML 14Page - TE Connectivity Ltd 927770-6 Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 260 page
background image
All specifications subject to change. Consult TE Connectivity for latest specifications.
IX
AWG Conversion Table (Average Value)
Timer Interconnection System
Catalog 889759-3
Revised 7-2011
Remark: Starting from 0.03 mm2 (AWG 32) a wire can be crimped.
AWG Code
Diameter (Inch)
Diameter (mm)
F (mm2)
000000
0.5800
14.733
170.0
00000
0.5165
13.130
135.0
0000
0.4600
11.684
103.8
000
0.4096
10.400079.0
00
0.3648
9.270067.5
0
0.3249
8.25
053.4
1
0.2893
7.34
042.2
2
0.2576
6.55
33.7
3
0.2294
5.82
26.6
4
0.2043
5.18
21.0
5
0.1819
4.62
16.9
6
0.1620
04.115
13.25
7
0.1443
3.66
10.25
8
0.1285
3.26
8.34
9
0.1144
2.90
6.6
10
0.1019
2.59
5.27
11
0.0907
2.30
4.15
12
0.0808
2.05
3.3
13
0.0720
1.83
2.63
14
0.0641
1.63
2.08
15
0.0571
1.45
1.65
16
0.0508
1.29
1.305
17
0.0453
1.14
1.01
18
0.0403
1.02
0.79
19
0.0359
0.91
0.65
20
0.0320
0.81
0.51
21
0.0285
0.72
0.407
22
0.0253
0.64
0.32
23
0.0226
00.57
0.255
24
0.0201
00.51
0.205
25
0.0179
00.455
0.162
26
0.0159
00.400
0.125
27
0.0142
00.360
0.102
28
0.0126
00.320
0.08
29
0.0113
00.287
0.0646
30
0.0100
00.254
0.0516
31
0.0089
00.226
0.04
32
0.0080
00.203
0.0324
33
0.0071
00.180
0.0255
34
0.0063
00.160
0.02
35
0.0056
00.142
0.0158
36
0.0050
00.127
0.0127
37
0.0045
00.114
0.01
38
0.0040
00.101
0.008
39
0.0035
00.089
0.0062
40
0.0031
00.079
0.0049
41
0.0028
00.071
0.00395
42
0.0025
00.064
0.00321
43
0.0022
00.056
0.00246
44
0.00198
00.050
0.00196
45
0.00176
00.045
46
0.00157
00.040
47
0.00140
00.036
48
0.00124
00.031
49
0.00110
00.028
50
0.00099
00.025
Conversion Tables
Most of the wire size ranges are
mentioned in mm2, as well as
the insulation diameters which
are in many cases only in mm’s.
We therefore included the
conversion tables on page X
and page XI.
Please note that wire and
insulation sizes are for guidance
only.
Consult the customer drawing
for precise detail.
FLK / FLR Cable
FLK and FLR stand for German
DIN (72551) abbreviations.
FLK means:
In German:
• Fahrzeug Leitung Kunststoff
In English:
• Vehicle Cable Plastic
FLR means:
In German:
• Fahrzeug Leitung Reduziert
In English:
• Thin Walled Cable
(reduced insulation thickness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com