Electronic Components Datasheet Search
  English  ▼

X  

927770-6 Datasheet(PDF) 46 Page - TE Connectivity Ltd

Part # 927770-6
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-6 Datasheet(HTML) 46 Page - TE Connectivity Ltd

Back Button 927770-6 Datasheet HTML 42Page - TE Connectivity Ltd 927770-6 Datasheet HTML 43Page - TE Connectivity Ltd 927770-6 Datasheet HTML 44Page - TE Connectivity Ltd 927770-6 Datasheet HTML 45Page - TE Connectivity Ltd 927770-6 Datasheet HTML 46Page - TE Connectivity Ltd 927770-6 Datasheet HTML 47Page - TE Connectivity Ltd 927770-6 Datasheet HTML 48Page - TE Connectivity Ltd 927770-6 Datasheet HTML 49Page - TE Connectivity Ltd 927770-6 Datasheet HTML 50Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 260 page
background image
Receptacle Contacts (continued)
Timer Contact System
Standard Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
24
Remarks:
1) = Gap Size 0.20 mm
2) = Gap Size 0.15 mm
3) = With One Locking Lance
,) Material and Finish:
0-xxx-1 = CuFe, pre-tin plated
0-xxx-2 = CuSn, pre-tin plated
0-xxx-3 = CuSn, selective pre-silver plated
0-xxx-4 = CuSn, pre-silver plated
0-xxx-5 = CuFe, pre-silver plated
0-xxx-6 = CuFe, selective nickel plated
0-xxx-7 = CuFe, selective gold plated
1-xxx-2 = CuFe, selective gold-tin plated, Spring selective gold plated
1-xxx-3 = CuFe, selective gold-gold plated, Spring selective gold plated
1-xxx-4 = CuFe, selective gold-tin plated
1-xxx-5 = CuFe, pre-silver plated 3–4.5 µm
2-xxx-1 = CuSn, selective gold-gold plated, Spring selective gold plated
2-xxx-2 = CuSn, selective gold-tin plated, Spring selective gold plated
2-xxx-4 = CuSn, selective gold-tin plated, Spring selective gold plated
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Hand Tool
Form
Quantity
Piece
Quantity
N Applicator N
539635-1
with Die Set
Receptacle Contacts with Single Wire Sealing System
Wire Size
Range
(mm2)
0.2–0.5
–
1.15–1.60
-1 / -2 / -7 /
927826
1,600
929921
500
1426558
1-xxx-2 / 2-xxx-2
0.5–1.0
–
1.4–2.1
-1 / -2 / -7 /
927836
1,500
929922
500
1528297
1-xxx-2 / 2-xxx-2
539736-2
> 1.0–2.5 >
–
2.2–3.0
-1 / -2 / -7 / 1-xxx-2 /
927835
1,500
929923
500
1528102
1-xxx-3 / 2-xxx-1 / 2-xxx-2
> 2.5–4.0 >
–
3.4–3.7
-1 / -2 / -7 / 1-xxx-2 /
928966
1,500
929924
500
1528246
1-xxx-3 / 2-xxx-1 / 2-xxx-2
AWG 12–10
2.05–2.59
-1
12419620
1,500
12419630
500
on request
–
,N) The pre- and suffix for the applicators depends on the applied termination equipment.
0.2–0.5
1.15–2.30
–
-1 / -2 / -3 / -4 / -5
927839
2,300
928989
2,000
on request
2063522-1
0.5–1.0
2.0–2.7
–
-1 / -2
927827
2,300
927828
2,000
1528922
-2
1241834 1) 3)
2,300
1241835 1) 3)
2,000
1528922
–
> 1.0–2.5 >
2.7–3.7
–
-1 / -2 / -5
927833
2,000
927834
0,500
1528490
–
> 2.5–4.0 >
3.3–4.5
–
-1 / -2
927824
2,000
927825
2,000
1530010
539734-2
,,
> 4.0–6.0 >
4.0–5.2
–
-1 / -2 / -3 / -4 / -5
963709
1,500
963714
0,500
1528386
2-1579021-9
,,
-1 / -5
12418180
1,500
12418190
0,500
1528386
0.2–0.5
–
1.15–1.60
-1 / -2 / -3 / -4 / -5 / -7
927840
2,300
928990
0,500
1426312
–
0.5–1.0
–
1.4–2.1
-1 / -2 / -3 / -4 / -5 / -7 / 1-xxx-5
927831
2,300
927832
0,400
1528295
> 1.0–2.5 >
–
2.2–3.0
-1 / -2 / -3 / -4 / -5 /
927837
2,300
927838
1,500
1528095
-6 / -7 / 1-xxx-5
2063564-1
1.5–2.5
–
2.2–3.0
-1 / -2 / -3 / -4 / -5
2) 964203 2)
2,300
1241826 2)
–
1528095
> 2.5–4.0 >
–
2.7–3.7
-1 / -2 / -5 / 1-xxx-5
927829
2,300
927830
2,000
1528553
1.5–3.0
3.0–3.4
-5
1241174 1) 3)
2,000
1241175 1) 3)
–
1528476
–
Special Version
1.5–3.0
3.0–3.4
-1 / -2 / -5
964052
2,000
––
1528476
–
Special Version
1.5–3.0
3.0–3.4
-1 / -2 / -3 / -4 / -5
2) 964204 2)
2,000
1241827 2)
–
1528476
0-0539672-2
,,
Special Version
,N) The pre- and suffix for the applicators depends on the applied termination equipment.
,,) Die-Set only, requires Hand Tool, Part No. 539635-1.
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Receptacle Contacts
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com