Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 16 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 12Page - Texas Instruments DLPR410 Datasheet HTML 13Page - Texas Instruments DLPR410 Datasheet HTML 14Page - Texas Instruments DLPR410 Datasheet HTML 15Page - Texas Instruments DLPR410 Datasheet HTML 16Page - Texas Instruments DLPR410 Datasheet HTML 17Page - Texas Instruments DLPR410 Datasheet HTML 18Page - Texas Instruments DLPR410 Datasheet HTML 19Page - Texas Instruments DLPR410 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
tc
DCLK_N
DCLK_P
D_N(0:?)
D_P(0:?)
tw
tw
th
tsu
th
tsu
50%
50%
SCTRL_N
SCTRL_P
th
tsu
th
tsu
50%
Not to Scale
tc
DCLK_N
DCLK_P
D_N(0:?)
D_P(0:?)
tw
tw
th
tsu
th
tsu
50%
SCTRL_N
SCTRL_P
th
tsu
th
tsu
t skew
50%
50%
16
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Uniformly distributed within area shown in Figure 8.
Figure 7. Timing Requirements
See Timing Requirements for timing requirements and LVDS pairs per channel (bus) defining D_P(0:x) and
D_N(0:x).
6.8 System Mounting Interface Loads
Table 1. System Mounting Interface Loads
PARAMETER
MIN
NOM
MAX
UNIT
Condition 1:
•
Thermal Interface area(1)
11.3
kg
•
Electrical Interface area(1)
11.3
kg
Condition 2:
•
Thermal Interface area(1)
0
kg
•
Electrical Interface area(1)
22.6
kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com