Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 33 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 29Page - Texas Instruments DLPR410 Datasheet HTML 30Page - Texas Instruments DLPR410 Datasheet HTML 31Page - Texas Instruments DLPR410 Datasheet HTML 32Page - Texas Instruments DLPR410 Datasheet HTML 33Page - Texas Instruments DLPR410 Datasheet HTML 34Page - Texas Instruments DLPR410 Datasheet HTML 35Page - Texas Instruments DLPR410 Datasheet HTML 36Page - Texas Instruments DLPR410 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
33
DLP650LNIR
www.ti.com
DLPS136 – NOVEMBER 2018
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Micromirror Temperature Calculations (continued)
The DMD Micromirror temperature cannot be measured directly, therefore it must be computed analytically
from:
•
the measurement point on the outside of the package
•
the silicon-to-ceramic thermal resistance
•
the mirror-to-silicon thermal resistance
•
the internally generated electrical power
•
and the illumination heat load
The relationship between mirror temperature and the reference ceramic temperature (thermal test TP1 in
Figure 20) is provided by the following equations:
TMIRROR = TCERAMIC + Delta_TSILICON-TO-CERAMIC + Delta_TMIRROR-TO-SILICON
Delta_TSILICON-TO-CERAMIC = QSILICON × RSILICON-TO-CERAMIC
Delta_TMIRROR-TO-SILICON = QMIRROR × RMIRROR-TO-SILICON
QSILICON = QELECTRICAL + (αDMD × QINCIDENT)
QMIRROR = QINCIDENT_MIRROR × [FFOFF-STATE_MIRROR × (1 - MR)]
(1)
αDMD = [FFOFF-STATE_MIRROR × (1-MR)] + [1-FFOFF-STATE-MIRROR] + [2 × αWINDOW]
(2)
where:
•
TMIRROR = computed micromirror temperature (°C)
•
TCERAMIC = measured ceramic temperature (°C) (TP1 location)
•
Delta_TSILICON-TO-CERAMIC = temperature rise of silicon above ceramic test point TP1
•
Delta_TMIRROR-TO-SILICON = temperature rise of an individual mirror above the silicon (°C)
•
RSILICON-TO-CERAMIC = thermal resistance, silicon die to ceramic TP1 (°C/Watt) as specified in Thermal
Information
•
RMIRROR-TO-SILICON = thermal resistance, individual mirror to silicon die (°C/Watt) as specified in Thermal
Information
•
QSILICON = total DMD power (electrical + absorbed) on the silicon (Watts)
•
QMIRROR = absorbed heat load on a single mirror (Watts)
•
QELECTRICAL = nominal electrical power (Watts)
•
QINCIDENT = total incident optical power to DMD (Watts)
•
QINCIDENT_MIRROR = Incident optical power on an individual mirror (Watts)
•
αDMD = absorptivity of DMD
•
αWINDOW = absorptivity of DMD window (single pass)
•
FFOFF-STATE-MIRROR = DMD off-state mirror fill factor
•
MR = DMD mirror reflectivity
The electrical power dissipation of the DMD is variable and depends on the voltages, data rates and operating
frequencies. The absorbed power from the illumination source is variable and depends on the operating state of
the micromirrors and the intensity of the light source. The equations shown above are valid for a system
operating at 1064 nm with 100% of the illumination contained within the 1280 × 800 active array mirrors. Silicon-
to-ceramic thermal resistance assumes the entire active micromirror array is uniformly illuminated.
NOTE
Incident irradiation that concentrates on a subset of the micromirror array, results in an
increase in effective package thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com