Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 44 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 40Page - Texas Instruments DLPR410 Datasheet HTML 41Page - Texas Instruments DLPR410 Datasheet HTML 42Page - Texas Instruments DLPR410 Datasheet HTML 43Page - Texas Instruments DLPR410 Datasheet HTML 44Page - Texas Instruments DLPR410 Datasheet HTML 45Page - Texas Instruments DLPR410 Datasheet HTML 46Page - Texas Instruments DLPR410 Datasheet HTML 47Page - Texas Instruments DLPR410 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
TI Internal Numbering
Part 2 of Serial Number
(7 characters)
Part 1 of Serial Number
(7 characters)
DMD Part Number
2-Dimension Matrix Code
(Part Number and Serial Number)
DLP650LNIR FYL
Package Type
Device Descriptor
44
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Device Nomenclature
Figure 23. Part Number Description
11.1.2 Device Markings
The device marking includes both human-readable information and a 2-dimensional matrix code. The human-
readable information is described in Figure 24. The 2-dimensional matrix code is an alpha-numeric character
string that contains the DMD part number, Part 1 of Serial Number, and Part 2 of Serial Number. The first
character of the DMD Serial Number (part 1) is the manufacturing year. The second character of the DMD Serial
Number (part 1) is the manufacturing month.
Example: DLP650LNIRFYL GHXXXXX LLLLLLM
Figure 24. DMD Marking Locations
11.2 Documentation Support
11.2.1 Related Documentation
The following documents contain additional information related to the chipset components used with the
DLP650LNIR:
•
DLPC410 DMD Digital Controller Data Sheet
•
DLPR410 Configuration PROM Data Sheet
•
DLPA200 DMD Micromirror Driver Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com