Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 10 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 6Page - Texas Instruments DLPR410 Datasheet HTML 7Page - Texas Instruments DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments DLPR410 Datasheet HTML 10Page - Texas Instruments DLPR410 Datasheet HTML 11Page - Texas Instruments DLPR410 Datasheet HTML 12Page - Texas Instruments DLPR410 Datasheet HTML 13Page - Texas Instruments DLPR410 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted). The functional performance of the device specified in this
data sheet is achieved when operating the device within the limits defined by this table. No level of performance is implied
when operating the device above or below these limits.
MIN NOM
MAX
UNIT
(7)
See LVDS Timing Requirements in Timing Requirements and Figure 7.
(8)
See Figure 6 LVDS Waveform Requirements.
(9)
Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination reduces
device lifetime.
(10) The mirror temperatures cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 20 and the DMD package and mirror thermal resistances using the Micromirror Temperature Calculations.
(11) Long-term is defined as the usable life of the device.
(12) Per Figure 2, derate the maximum operational micromirror temperature based on the micromirror landed duty cycle that the DMD
experiences in the end application. See Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty cycle.
(13) Mirror temperatures beyond those specified as long-term are recommended for short-term conditions only (power-up). Short-term is
defined as cumulative time over the usable life of the device and is less than 500 hours.
(14) The locations of thermal test points TP2, TP3, TP4, and TP5 in Figure 20 are intended to measure the highest window edge
temperature. For most applications, the locations shown are representative of the highest window edge temperature. If a particular
application causes additional points on the window edge to be at a higher temperature, add test points to those locations.
(15) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 20. The window test points TP2, TP3, TP4, and TP5 shown in Figure 20 are intended to result in the worst case delta
temperature. If a particular application causes another point on the window edge to result in a larger delta temperature, use that point.
(16) The average over time (including storage and operating) that the device is not in the ‘elevated dew point temperature range'.
(17) Limit exposure to dew point temperatures in the elevated range during storage and operation to less than a total cumulative time of
CTELR.
(18) See Figure 1 for allowable combinations of illumination power vs illumination power density. 160W total power is achievable only by full
array illumination. 500 W/cm2 is only achievable through partial array illumination. Some combinations of illumination power and power
density require cooling of the window with forced air as defined by Figure 1. Refer to the application note DLP® High Power Thermal
Design Guide: Focus on High Power NIR Laser Illumination for additional details.
tSCP_PW_ENZ
SCPENZ inactive pulse width (high level)
1
1/ƒscpclk
tr
Rise Time (20% to 80%). See (6)
200
ns
tf
Fall time (80% to 20%). See (6)
200
ns
LVDS INTERFACE
ƒCLOCK
Clock frequency for LVDS interface (all channels), DCLK(7)
395
400
405
MHz
|VID|
Input differential voltage (absolute value)(8)
100
400
600
mV
VCM
Common mode voltage(8)
1200
mV
VLVDS
LVDS voltage(8)
0
2000
mV
tLVDS_RSTZ
Time required for LVDS receivers to recover from PWRDNZ
10
ns
ZIN
Internal differential termination resistance
95
105
Ω
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
ENVIRONMENTAL
TMIRROR
Micromirror temperature, long–term operational(9)(10)(11)
10
40 to 70(12)
°C
Micromirror temperature, short–term operational(10)(13)
0
10
°C
TWINDOW
Window temperature–operational(14)
10
85
°C
T|DELTA |
Absolute temperature delta between any point on the window
edge and the ceramic test point TP1. (15)
26
°C
TDP -AVG
Average dew point temperature (non–condensing)(16)
28
°C
TDP-ELR
Elevated dew point temperature range (non-condensing)(17)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
24
Months
ILLUV
Illumination Power Density < 420 nm(9)
10
mW/cm2
ILLVIS-NIR
Illumination Power Density between 420 nm and 950 nm
40
W/cm2
ILLNIR2A
Illumination Total Power between 950 nm and 1150 nm(18)
160
W
ILLNIR2B
Illumination Power Density between 950 nm and 1150 nm(18)
500
W/cm2
ILLNIR3
Illumination Power Density between 1150 nm and 2000 nm
40
W/cm2
ILLIR
Illumination Power Density > 2000 nm
10
mW/cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com