Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 11 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 7Page - Texas Instruments DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments DLPR410 Datasheet HTML 10Page - Texas Instruments DLPR410 Datasheet HTML 11Page - Texas Instruments DLPR410 Datasheet HTML 12Page - Texas Instruments DLPR410 Datasheet HTML 13Page - Texas Instruments DLPR410 Datasheet HTML 14Page - Texas Instruments DLPR410 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
600
Incident Irradiance [W/cm2]
Limit with forced air cooling across
DMD window surface, 40°C max air
temp, 0.32 l/s flow rate @ 3 m/s
Limit with no window cooling
Window cooling required
Example 2: full array illumination (1280 x 800)
Required airflow over window, 160W, 134 W/cm2
Example 1: full array illumination (1280 x 800)
No airflow over window, 110W, 92W/cm2
No window cooling required
11
DLP650LNIR
www.ti.com
DLPS136 – NOVEMBER 2018
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 1. Maximum Recommended Illumination Incident Power vs Incident Irradiance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com