Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 24 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 20Page - Texas Instruments DLPR410 Datasheet HTML 21Page - Texas Instruments DLPR410 Datasheet HTML 22Page - Texas Instruments DLPR410 Datasheet HTML 23Page - Texas Instruments DLPR410 Datasheet HTML 24Page - Texas Instruments DLPR410 Datasheet HTML 25Page - Texas Instruments DLPR410 Datasheet HTML 26Page - Texas Instruments DLPR410 Datasheet HTML 27Page - Texas Instruments DLPR410 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
24
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 4. Input/Output Description
PIN NAME
DESCRIPTION
I/O
ARST
Asynchronous active low reset
I
CLKIN_R
Reference clock, 50 MHz
I
DIN_[A,B,C,D](15:0)
LVDS DDR input for data bus A,B,C,D (15:0)
I
DCLKIN[A,B,C,D]
LVDS inputs for data clock (400 MHz) on bus A, B, C, and D
I
DVALID[A,B,C,D]
LVDS input signals used to start write sequence for bus A, B, C, and D
I
ROWMD(1:0)
DMD row address and row counter control
I
ROWAD(10:0)
DMD row address pointer
I
BLK_AD(3:0)
DMD mirror block address pointer
I
BLK_MD(1:0)
DMD mirror block reset and clear command modes
I
PWR_FLOAT
Used to float DMD mirrors before complete loss of power
I
LOAD4
Load4 mode enable [uses DLPC410 SPARE_0 input pin (AB21)]
I
DMD_TYPE(3:0)
DMD type in use
O
RST_ACTIVE
Indicates DMD mirror reset in progress
O
INIT_ACTIVE
Initialization in progress.
O
VLED0
System “heartbeat” signal
O
VLED1
Denotes initialization complete
O
7.3.4.1.1.2
Initialization
The INIT_ACTIVE (Table 4) signal indicates that the DLP650LNIR, DLPA200, and DLPC410 are in an
initialization state after power is applied. During this initialization period, the DLPC410 is initializing the
DLP650LNIR and DLPA200 by setting all internal registers to their correct states. When this signal goes low, the
system has completed initialization. System initialization takes approximately 220 ms to complete. Data and
command write cycles should not be asserted during the initialization.
During initialization the user must send a training pattern to the DLPC410 on all data and DVALID lines to
correctly align the data inputs to the data clock. For more information, see the interface training pattern
information in the DLPC410 data sheet.
7.3.4.1.1.3
DMD Device Detection
The DLPC410 automatically detects the DMD type and device ID. DMD_TYPE (Table 4) is an output from the
DLPC410 that contains the DMD information.
7.3.4.1.1.4
Power Down
To ensure long term reliability of the DLP650LNIR DMD, a shutdown procedure must be executed. Prior to power
removal, assert the PWR_FLOAT (Table 4) signal and allow approximately 300 µs to assure the mirrors are in a
flat state prior to power removal.
NOTE
Use PWR_FLOAT only when DC power is going to be removed from the DMD. When not
powering down but it is desired to place the system in an idle (non-functioning) state, all
applications benefit from operating the DMD near 50% landed on/off duty cycle. See
section 3 (Duty Cycle Considerations) in application note DLPA052 - System Design
Considerations Using TI DLP® Technology down to 400 nm.
7.3.4.1.2
DLPC410 to DMD Interface
7.3.4.1.2.1
DLPC410 to DMD IO Description
Table 5 lists the available controls and status pin names and their corresponding signal type, along with a brief
functional description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com