Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 1 Page - Texas Instruments

  DLPR410 Datasheet HTML 1Page - Texas Instruments DLPR410 Datasheet HTML 2Page - Texas Instruments DLPR410 Datasheet HTML 3Page - Texas Instruments DLPR410 Datasheet HTML 4Page - Texas Instruments DLPR410 Datasheet HTML 5Page - Texas Instruments DLPR410 Datasheet HTML 6Page - Texas Instruments DLPR410 Datasheet HTML 7Page - Texas Instruments DLPR410 Datasheet HTML 8Page - Texas Instruments DLPR410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
DLPC410
DLPA200
SCP Bus
LVDS Data Bus
Voltage Supplies
OSC
DLPR410
JTAG
DLPC410 Info Signals
Control Signals
Row, Block Signals
LVDS Data Bus
NIR LEDs/LASERs/
Lamps
PWMs/Triggers
LED/LASER/
Lamp Driver
DLPA200 Control
MBRST(x)
DLP650LNIR
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLP650LNIR
DLPS136 – NOVEMBER 2018
DLP650LNIR 0.65 NIR WXGA S450 DMD
1
1 Features
1
•
1280 × 800 (WXGA) Array with >1 Million
Micromirrors
–
10.8 µm Micromirror Pitch
–
±12° Micromirror Tilt Angle (Relative to Flat
State)
–
0.65-Inch Diagonal Array Designed for Corner
Illumination
–
0.5 °C/W Thermal Resistance High Efficiency
Package
•
Efficient Steering of NIR Light ( 800 nm to 2000
nm)
–
Up to 160-W Incident on DMD
–
Window Transmission Efficiency >98% (950
nm to 1150 nm, Single Pass, Two Window
Surfaces)
–
Window Transmission Efficiency >93% (850
nm to 2000 nm, Single Pass, Two Window
Surfaces)
–
Polarization Independent Aluminum
Micromirrors
•
16-Bit, 2xLVDS, 400-MHz Input Data Bus
•
Dedicated DLPC410 Controller, DLPR410 PROM,
and DLPA200 Micromirror Driver for Reliable High
Speed Operation
–
Binary Pattern Rates up to 12,500 Hz
–
Global, Single, Dual, and Quad Block Mirror
Clocking Pulse (Reset) Operational Modes
2 Applications
•
3D Printing, Selective Laser Sintering (SLS)
•
Dynamic Grayscale Laser Marking and Coding
•
Industrial Printing, Flexographic Printing, Digital
Platemaking
•
Repair and Ablation
•
Spectroscopy
•
3D Machine vision and 3D Biometrics
•
Infrared Scene Projection
•
Hyperspectral Imaging
•
Optical Switching
3 Description
The DLP650LNIR digital micromirror device (DMD)
operates as a spatial light modulator (SLM) to steer
near-infrared (NIR) light and generate high speed
patterns
for
advanced
imaging
in
industrial
equipment. The thermally efficient package allows
customers to combine the DMD with high-power NIR
laser illumination for dynamic digital printing, sintering
and marking solutions. The DLP650LNIR, DLPC410,
DLPR410
and
DLPA200
chipset
provides
1-bit
pattern rates up to 12,500 Hz with pixel-accurate
control so engineers can design more innovative and
precise optical systems than traditional steering
lasers allow.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP650LNIR
FYL (149)
22.30 mm × 32.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application


Similar Part No. - DLPR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
Configuration PROM
DLPR410 TI1-DLPR410 Datasheet
264Kb / 17P
Configuration PROM
DLPR410 TI-DLPR410 Datasheet
906Kb / 21P
DLPR410 Configuration PROM
REVISED AUGUST 2021
DLPR410AYVA TI1-DLPR410AYVA Datasheet
264Kb / 17P
Configuration PROM
DLPR410AYVA TI-DLPR410AYVA Datasheet
906Kb / 21P
DLPR410 Configuration PROM
REVISED AUGUST 2021
More results

Similar Description - DLPR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4500 TI1-DLP4500 Datasheet
2Mb / 36P
DLP 0.45 WXGA DMD
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
WXGA Near-Infared DMD
DLP4501 TI1-DLP4501 Datasheet
533Kb / 36P
WXGA S311 DMD
DLP650NE TI1-DLP650NE Datasheet
4Mb / 44P
0.65 1080p S600 DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
0.3 WVGA S450 DMD
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
0.65 WXGA DMD
DLP650LNIR TI1-DLP650LNIR Datasheet
1Mb / 52P
0.65 NIR WXGA S450 DMD
DLP4500 TI1-DLP4500_19 Datasheet
2Mb / 61P
DLP4500 .45 WXGA DMD
DLP4501 TI1-DLP4501_19 Datasheet
531Kb / 37P
45 WXGA S311 DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com