Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 42 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 38Page - Texas Instruments DLPR410 Datasheet HTML 39Page - Texas Instruments DLPR410 Datasheet HTML 40Page - Texas Instruments DLPR410 Datasheet HTML 41Page - Texas Instruments DLPR410 Datasheet HTML 42Page - Texas Instruments DLPR410 Datasheet HTML 43Page - Texas Instruments DLPR410 Datasheet HTML 44Page - Texas Instruments DLPR410 Datasheet HTML 45Page - Texas Instruments DLPR410 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
42
DLP650LNIR
DLPS136 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.1.4.1 Trace Length Matching
The DLPC410 DMD data signals require precise length matching. Make sure differential signals have impedance
of 100
Ω (with 5% tolerance). It is important that the propagation delays are matched. The maximum differential
pair uncoupled length is 100 mils with a relative propagation delay of ±25 mil between the p and n. Matching all
signals exactly maximizes the channel margin. The signal path through all boards, flexible cables and internal
DMD routing must be considered in this calculation.
10.1.5 DLP650LNIR Decoupling
Make sure to distribute general decoupling capacitors for the DLP650LNIR around the PCB and place them to
minimize the distance from device voltage and ground pads. Each decoupling capacitor (0.1 µF recommended)
needs vias directly to the ground and power planes. Via sharing between components (discreet or integrated) is
discouraged. Tie the power and ground pads of the DLP650LNIR to the voltage and ground planes with their
own vias.
10.1.5.1 Decoupling Capacitors
Place decoupling capacitors so that they minimize the distance from the decoupling capacitor to the supply and
ground pin of the component. Follow these specific guidelines:
•
Locate the supply voltage pin of the capacitor close to the DMD supply voltage pin(s). The decoupling
capacitor needs vias to ground and voltage planes. The DMD can be connected directly to the decoupling
capacitor (no via) if the trace length is less than 0.1 inch. Otherwise, tie the component to the voltage or
ground plane through separate vias.
•
Make sure that the trace lengths of the voltage and ground connections for decoupling capacitors and
components is less than 0.1 inch to minimize inductance.
•
Make the trace width of the power and ground connection to decoupling capacitors and components as wide
as possible to minimize inductance.
•
Connecting decoupling capacitors to ground and power planes through multiple vias can reduce inductance
and improve noise performance.
•
Decoupling performance can be improved by utilizing low ESR and low ESL capacitors.
10.1.6 VCC and VCC2
Connect the VCC pins of the DMD directly to the DMD VCC plane. Distribut the decoupling for the VCC around
the DMD and placed to minimize the distance from the voltage and ground pads. Each decoupling capacitor
needs vias directly connected to the ground and power planes. Tie the VCC and GND pads of the DMD to the
VCC and ground planes with their own vias.
The VCC2 voltage can be routed to the DMD as a wide trace. Place decoupling capacitors to minimize the
distance from the VCC2 and ground pads of the DMD. Use wide etch from the decoupling capacitors to the DMD
connection to reduce inductance and improves decoupling performance.
10.1.7 DMD Layout
See the respective sections in this data sheet for package dimensions, timing and pin out information.
10.1.8 DLPA200
The DLPA200 driver generates the micromirror clocking pulses for the DMD. Route the DMD-drive outputs from
the DLPA200 (MBRST[15:0] with a minimum trace width of 11 mil and a minimum spacing of 15 mil. Route the
VCC and VCC2 traces from the output capacitors to the DLPA200 with a minimum trace width and spacing of 11
mil and 15 mil, respectively. See the DLPA200 customer data sheet for mechanical package and layout
information.
10.2 Layout Example
For LVDS (and other differential signal) pairs and groups, it is important to match trace lengths. In the area of the
dashed lines, Figure 22 shows correct matching of signal pair lengths with serpentine sections to maintain the
correct impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com