Electronic Components Datasheet Search
  English  ▼

X  

DLPR410 Datasheet(PDF) 41 Page - Texas Instruments

Part # DLPR410
Description  DLP650LNIR 0.65 NIR WXGA S450 DMD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPR410 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DLPR410 Datasheet HTML 37Page - Texas Instruments DLPR410 Datasheet HTML 38Page - Texas Instruments DLPR410 Datasheet HTML 39Page - Texas Instruments DLPR410 Datasheet HTML 40Page - Texas Instruments DLPR410 Datasheet HTML 41Page - Texas Instruments DLPR410 Datasheet HTML 42Page - Texas Instruments DLPR410 Datasheet HTML 43Page - Texas Instruments DLPR410 Datasheet HTML 44Page - Texas Instruments DLPR410 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
41
DLP650LNIR
www.ti.com
DLPS136 – NOVEMBER 2018
Product Folder Links: DLP650LNIR
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The DLP650LNIR is a component of a chipset that is controlled by the DLPC410 in conjunction with the
DLPA200. These guidelines refer to a PCB board with these components.
A target impedance of 50
Ω for single-ended signals and 100 Ω between LVDS signals is specified for all signal
layers.
10.1.1 Impedance Requirements
Make sure to route signals to have a matched impedance of 50 Ω ±10% except for LVDS differential pairs
(D_Xnn, DCLK_Xn, and SCTRL_Xn). Match the differential pairs to 100 Ω ±10% across each pair.
10.1.2 PCB Signal Routing
When designing a PCB for the DLP650LNIR controlled by the DLPC410 in conjunction with the DLPA200, the
following are recommended:
Make sure that signal trace corners are no sharper than 45°. Make sure that adjacent signal layers have the
predominate traces routed orthogonal to each other. TI recommends that critical signals be hand routed in the
following order: DMD (LVDS signals), then DLPA200 signals.
TI does not recommend signal routing on power or ground planes.
TI does not recommend ground plane slots.
Make sure that high-speed signal traces do not cross over slots in adjacent power and/or ground planes.
Table 9. Important Signal Trace Constraints
SIGNAL
CONSTRAINTS
LVDS (D_Xnn,
DCLK_xn, and SCTRL_xn)
P-to-N data, clock, and SCTRL: <10 mils (0.25 mm); Pair-to-pair <10 mils (0.25 mm); Bundle-to-bundle
<2000 mils (50 mm, for example D_Ann to D_Bnn)
Trace width: 4 mil (0.1 mm)
Trace spacing: In ball field – 4 mil (0.11 mm); PCB etch – 14 mil (0.36 mm)
Maximum recommended trace length <6 inches (150 mm)
Table 10. Power Trace Widths and Spacing
SIGNAL NAME
MINIMUM TRACE
WIDTH
MINIMUM TRACE
SPACING
LAYOUT REQUIREMENTS
GND
Maximize
5 mil (0.13 mm)
Maximize trace width to connecting pin as a minimum
VCC, VCC2
20 mil (0.51 mm)
10 mil (0.25 mm)
MBRST[15:0]
11 mil (0.23 mm)
15 mil (0.38 mm)
10.1.3 Fiducials
Make sure that the fiducials for automatic component insertion are 0.05-inch copper with a 0.1-inch cutout
(antipad). Fiducials for optical auto insertion are placed on three corners of both sides of the PCB.
10.1.4 DMD Interface
The digital interface from the DLPC410 to the DMD are LVDS signals that run at clock rates up to 400 MHz. Data
is clocked into the DMD on both the rising and falling edge of the clock, so the data rate is 800 MHz. Make sure
the LVDS signals have 100
Ω differential impedance. Make sure the differential signals are length-matched and
are as short as possible. Parallel termination at the LVDS receiver is in the DMD; therefore, on board termination
is not necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com