Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 11Page - Texas Instruments LP8754 Datasheet HTML 12Page - Texas Instruments LP8754 Datasheet HTML 13Page - Texas Instruments LP8754 Datasheet HTML 14Page - Texas Instruments LP8754 Datasheet HTML 15Page - Texas Instruments LP8754 Datasheet HTML 16Page - Texas Instruments LP8754 Datasheet HTML 17Page - Texas Instruments LP8754 Datasheet HTML 18Page - Texas Instruments LP8754 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
7 Detailed Description
7.1 Overview
The LP8754 is a high-efficiency, high-performance power supply IC with six step-down DC-DC converter cores. It
delivers 0.6 V to 1.67 V regulated voltage rail from either a single Li-Ion or three cell NiMH/NiCd batteries to
portable devices such as cell phones and PDAs.
There are three modes of operation for the 6-phase converter, depending on the output current required: PWM
(Pulse Width Modulation), PFM (Pulse-Frequency Modulation), and Low-Power PFM. Converter operates in
PWM mode at high load currents of approximately 250 mA or higher, depending on register setting. Lighter
output current loads will cause the converter to automatically switch into PFM or Low-Power PFM mode for
reduced current consumption and a longer battery life. Forced PWM is also available for highest transient
performance.
Under no-load conditions the device can be set to Standby or Shutdown. Shutdown mode turns off the device,
offering the lowest current consumption (ISHDN = 0.1 µA typ.). Additional features include soft-start, undervoltage
lockout, input overvoltage protection, current overload protection, thermal warning, and thermal shutdown.
The modes and features can be programmed via control registers. All the registers can be accessed with both
I2C serial interfaces: System serial interface and Dynamic voltage scaling (DVS) interface. Using DVS interface
for dynamic voltage scaling prevents latencies if System serial interface is busy. Using DVS interface is optional;
System serial interface can also be used for dynamic voltage scaling.
7.1.1 Buck Information
The LP8754 has six integrated high-efficiency buck converter cores. The cores are designed for flexibility; most
of the functions are programmable, thus allowing optimization of the SMPS operation for each application. The
cores are bundled together to establish a multi-phase converter This is shown in Figure 24.
Operating Modes:
•
OFF: Output is isolated from the input voltage rail in this mode. Output has an optional pull-down resistor
which can be enabled with BUCK0_CTRL.RDIS_B0 bit.
•
PWM: Converter operates in buck configuration. Average switching frequency is constant.
•
PFM: Converter switches only when output voltage decreases below programmed threshold. Inductor current
is discontinuous.
•
Low-Power PFM: This mode is similar to PFM mode, but used with lower load conditions. In this mode some
of the internal blocks are turned off between the PFM pulses. Load transient response is compromised due to
the wake-up time.
Features:
•
DVS support
•
Automatic mode control based on the loading
•
Synchronous rectification
•
Current mode loop with PI compensator
•
Soft start
•
Power good flag with maskable interrupt
•
Overvoltage comparator
•
Phase control and spread spectrum techniques for reducing EMI
•
Average output current sensing (for PFM/PWM entry/exit, phase adding/shedding, and load current reporting)
•
Current balancing between the phases of the converter
•
Differential voltage sensing
•
Dynamic phase adding/shedding, each output being phase shifted
Programmability (The following parameters can be programmed via registers):
•
Output voltage
•
Forced PWM operation
•
Switch current limits for high side FET
•
PWM/PFM mode entry and exit (based on average output current)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com