Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 16Page - Texas Instruments LP8754 Datasheet HTML 17Page - Texas Instruments LP8754 Datasheet HTML 18Page - Texas Instruments LP8754 Datasheet HTML 19Page - Texas Instruments LP8754 Datasheet HTML 20Page - Texas Instruments LP8754 Datasheet HTML 21Page - Texas Instruments LP8754 Datasheet HTML 22Page - Texas Instruments LP8754 Datasheet HTML 23Page - Texas Instruments LP8754 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
1
NRST
VVIOSYS
VVDDA5V
NRST
2
VVIOSYS
VVDDA5V
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Features Descriptions (continued)
Table 1. Power-Up Sequence
SYMBOL
PARAMETER
CONDITION(1)
MIN
TYP
MAX
UNIT
t0
VVDDA5V to VVIOSYS assertion
0
µs
t1
LDOON Delay Time
CLDO = 1 µF
<100
150
µs
t2
LDOON to NRST HIGH
0
µs
tI2CT
Device ready for I2C data transfer
500
µs
(1)
These specification table entries are specified by design. The power input lines VVINBXX, VVDDA5V and VVIOSYS must be stable before the
NRST line goes High. Also, the VLDO line must be stable 1.8 V before the NRST line goes High.
7.3.3 Device Reset Scenarios
There are three reset methods implemented on the LP8754:
•
Software reset
•
Hardware reset
•
Power-on reset (POR)
An SW-reset occurs when the RESET.SW_RESET bit is written first with 1, followed by 0 right after that. This
event resets the control registers shown in Table 2 to the default values. The temperature, power good, and
other faults are persistent over the SW reset to allow for the system to identify to cause of the failure.
An internal power-on reset (POR) occurs when the supply voltage (VVDDA5V) transitions above the POR threshold
or VVIOSYS is toggled low/high. Each of the registers contain a factory-defined value upon POR, and this data
remains there until any of the following occurs:
•
Device sets a Flag bit, causing the Status register to be updated. The other registers remain untouched.
•
A different data word is written to a writable register.
The internal registers will lose their contents if the supply voltage (VVDDA5V) goes below 1 V (typ.).
A hardware reset is accomplished by NRST low. This event resets the control registers shown in Table 2 to the
default values.
Under OVP, UVLO, TSD, or VVIOSYS low (while NRST still high) conditions, a Fast Power-Down is launched.
Normal Power-Down Sequence Follows This Event
(Marked as '1')
Fast Power-Down Follows This Event
Figure 12. The External Power Control System De-
Figure 13. NRST Stays HIGH While VVIOSYS
asserts NRST
Transition from HIGH to LOW Happens (Marked as
'2')
20
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com