Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 34 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 30Page - Texas Instruments LP8754 Datasheet HTML 31Page - Texas Instruments LP8754 Datasheet HTML 32Page - Texas Instruments LP8754 Datasheet HTML 33Page - Texas Instruments LP8754 Datasheet HTML 34Page - Texas Instruments LP8754 Datasheet HTML 35Page - Texas Instruments LP8754 Datasheet HTML 36Page - Texas Instruments LP8754 Datasheet HTML 37Page - Texas Instruments LP8754 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Bits
Field
Type
Default
Description
7
DEVICE
R
1
DEVICE
Contains Device ID
6:2
OTP_REV
R
0 0001
OTP_REV
Contains OTP Version ID
1:0
DIE_REV
R
00
DIE_REV
Contains Revision ID
7.6.17 PFM_LEV_B0
Address: 0x19
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
PFM_ENTRY_B0[2:0]
Reserved
PFM_EXIT_B0[2:0]
Bits
Field
Type
Default
Description
7
Reserved
R/W
0
6:4
PFM_ENTRY_B0
R/W
011
PFM_ENTRY_B0 (1)
Sets the target PFM entry level for Buck 0. The final PWM-to-PFM switchover current
varies slightly and is dependant on the output voltage, input voltage and the inductor
current level.
000 = 100 mA
001 = 125 mA
010 = 150 mA
011 = 175 mA
100 = 225 mA
101 = Reserved
110 = Reserved
111 = Reserved
3
Reserved
R/W
0
2:0
PFM_EXIT_B0
R/W
110
PFM_EXIT_B0 (1)
Sets the target PFM exit level for Buck 0. The final PFM-to-PWM switchover current
varies slightly and is dependant on the output voltage, input voltage and the inductor
current level.
000 = Reserved
001 = Reserved
010 = Reserved
011 = 175 mA
100 = 225 mA
101 = 275 mA
110 = 325 mA
111 = 375 mA
(1)
For proper operation, the PFM exit current level should be at least 150 mA higher than the PFM entry current level.
7.6.18 PHASE_LEV_B0
Address: 0x1F
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
ADD_PH_B0[2:0]
Reserved
SHED_PH_B0[2:0]
34
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com