Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 43 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 39Page - Texas Instruments LP8754 Datasheet HTML 40Page - Texas Instruments LP8754 Datasheet HTML 41Page - Texas Instruments LP8754 Datasheet HTML 42Page - Texas Instruments LP8754 Datasheet HTML 43Page - Texas Instruments LP8754 Datasheet HTML 44Page - Texas Instruments LP8754 Datasheet HTML 45Page - Texas Instruments LP8754 Datasheet HTML 46Page - Texas Instruments LP8754 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
VOUT 200 mV/DIV
SW 5 V/DIV
TIME 10 ms/DIV
NRST 2 V/DIV
VOUT 200 mV/DIV
TIME 400 µs/DIV
VOUT 200 mV/DIV
SW 5 V/DIV
TIME 20 2s/DIV
NRST 2 V/DIV
VOUT 200 mV/DIV
SW 5 V/DIV
TIME 20 2s/DIV
NRST 2 V/DIV
LOAD 1 A/DIV
VOUT AC COUPLED
10 mV/DIV
TIME 400 µs/DIV
SW 1 V/DIV
VOUT AC COUPLED 10 mV/DIV
TIME 200 ns/DIV
SW 1 V/DIV
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
IOUT = 100 µA
IOUT = 200 mA
Figure 43. Output Voltage Ripple, PFM Mode
Figure 44. Output Voltage Ripple, PWM Mode, One Phase
Active
No Load
3-A Load
Figure 45. Start-up with NRST, Forced PWM
Figure 46. Start-up with NRST, Forced PWM
No Load
Figure 47. Shutdown with NRST, Forced PWM
Figure 48. VOUT Transition from 0.6 V to 1.4 V with
Different Ramp Settings
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com