Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 41 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 37Page - Texas Instruments LP8754 Datasheet HTML 38Page - Texas Instruments LP8754 Datasheet HTML 39Page - Texas Instruments LP8754 Datasheet HTML 40Page - Texas Instruments LP8754 Datasheet HTML 41Page - Texas Instruments LP8754 Datasheet HTML 42Page - Texas Instruments LP8754 Datasheet HTML 43Page - Texas Instruments LP8754 Datasheet HTML 44Page - Texas Instruments LP8754 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
0.0
2.0
4.0
6.0
8.0
10.0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
2000
4000
6000
8000
10000
TOTAL IOUT (mA)
Buck 0 Iout (mA)
Buck 1 Iout (mA)
Buck 2 Iout (mA)
Buck 3 Iout (mA)
Buck 4 Iout (mA)
Buck 5 Iout (mA)
Accuracy
C038
0.0
2.0
4.0
6.0
8.0
10.0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
1000
2000
3000
4000
5000
TOTAL IOUT (mA)
Buck 0 Iout (mA)
Buck 1 Iout (mA)
Buck 2 Iout (mA)
Accuracy
C040
1090
1092
1094
1096
1098
1100
1102
1104
1106
1108
1110
±40
±20
0
20
40
60
80
100
120
TEMPERATURE (C)
PWM, ILOAD = 3 A
PFM, ILOAD = 100 mA
C042
1098.0
1098.5
1099.0
1099.5
1100.0
2500
3000
3500
4000
4500
5000
INPUT VOLTAGE (mV)
C037
1095
1096
1097
1098
1099
1100
1101
1102
1103
1104
1105
0
1
2
3
4
5
6
7
8
9
10
LOAD CURRENT (A)
VIN = 2.5 V
VIN = 3.7 V
VIN = 5 V
C019
1090
1092
1094
1096
1098
1100
1102
1104
1106
1108
1110
0
100
200
300
400
500
LOAD CURRENT (mA)
VIN = 2.5 V
VIN = 3.7 V
VIN = 5 V
C026
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
VOUTSET = 1.1 V
VOUTSET = 1.1 V
Figure 31. Output Voltage vs Load Current in Forced PWM
Figure 32. Output Voltage vs Load Current in PFM/PWM
Mode
Mode
VOUTSET = 1.1 V
ILOAD = 1.0 A
VOUTSET = 1.1 V
Figure 33. Output Voltage vs Temperature
Figure 34. Line Regulation
Figure 35. Phase Currents and Current Balancing
Figure 36. Phase Currents and Current Balancing
Accuracy, 6 Phases Active (Currents measured by
Accuracy, 3 Phases Active (Currents measured by
LP8754)
LP8754)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com