Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 29 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 25Page - Texas Instruments LP8754 Datasheet HTML 26Page - Texas Instruments LP8754 Datasheet HTML 27Page - Texas Instruments LP8754 Datasheet HTML 28Page - Texas Instruments LP8754 Datasheet HTML 29Page - Texas Instruments LP8754 Datasheet HTML 30Page - Texas Instruments LP8754 Datasheet HTML 31Page - Texas Instruments LP8754 Datasheet HTML 32Page - Texas Instruments LP8754 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
7.6.2 VSET_B0
Address: 0x00
D7
D6
D5
D4
D3
D2
D1
D0
EN_DIS_B0
VSET_B0[6:0]
Bits
Field
Type
Default
Description
7
EN_DIS_B0
R/W
1
DC/DC converter Buck0 Enable/Disable. The Enable of the master Buck0 controls the
operation of the slave bucks.
0 = Converter disabled
1 = Converter enabled
Note: When a disable request is received the converter is disabled immediately.
6:0
VSET_B0[6:0]
R/W
011 1100
Sets the output voltage.
Defined by:
VOUT = 0.5 V + 10 mV * VSET_B0
VOUT range = 0.6 V to 1.67 V
NOTE: Do not use VSET_B0 values < 0001010 (10 dec) = 0.6 V.
NOTE: Register settings starting from 1110110 up to 1111111 are clamped to 1.67 V.
7.6.3 FPWM
Address: 0x06
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
FPWM_B0
Bits
Field
Type
Default
Description
7:1
Reserved
R/W
001 1111
0
FPWM_B0
R/W
1
Forced PWM mode of operation, Buck regulator 0 (Master). The setting of the master
controls the operation of the slave bucks.
0 = PWM, PFM or Low-Power PFM operation mode.
1 = This will force the master converter and the slaves to operate always in the PWM
mode.
7.6.4 BUCK0_CTRL
Address: 0x07
D7
D6
D5
D4
D3
D2
D1
D0
OC_LEV_B0[1:0]
LP_B0
RDIS_B0
Reserved
RAMP_B0[2:0]
Bits
Field
Type
Default
Description
7:6
OC_LEV_B0[1:0]
R/W
10
Inductor positive current limit on Buck 0. Note that OC_LEV_B0...B5 should have the
same value.
00 = 1.5 A
01 = 2.0 A
10 = 2.5 A
11 = 3.0 A
5
LP_B0
R/W
0
Allows converter to enter into Low-Power PFM mode.
1 = Entering to Low-Power PFM mode is allowed.
0 = Entering to Low-Power PFM more is not allowed.
4
RDIS_B0
R/W
1
Enables the output discharge resistors when the VOUT supply has been disabled.
1 = Enable pull-down
0 = Disable pull-down
3
Reserved
R/W
0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com