Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 14Page - Texas Instruments LP8754 Datasheet HTML 15Page - Texas Instruments LP8754 Datasheet HTML 16Page - Texas Instruments LP8754 Datasheet HTML 17Page - Texas Instruments LP8754 Datasheet HTML 18Page - Texas Instruments LP8754 Datasheet HTML 19Page - Texas Instruments LP8754 Datasheet HTML 20Page - Texas Instruments LP8754 Datasheet HTML 21Page - Texas Instruments LP8754 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Features Descriptions (continued)
7.3.1.2 Transitions Between Low-Power PFM, PFM, and PWM Modes
Normal PWM-mode operation with phase-shedding can optimize efficiency at mid-to-full load, but this is usually
at the expense of light-load efficiency. The LP8754 converter operates in PWM mode at a load current of 100 to
375 mA or higher; this mode transition trip-point is set by register. Lighter load current causes the device to
automatically switch into PFM mode for reduced current consumption. By combining PFM and PWM modes in
the same regulator and providing automatic switching, high efficiency can be achieved over a wide output load
current range.
Efficiency is further enhanced when the converter enters Low-Power PFM mode. The LP8754 includes Low-
Power mode function for low-current consumption. In this mode most of the internal blocks are disabled between
the inductor current ramp up and ramp down phases to reduce the operating current. However, as a result, the
transient performance of the converter is compromised. The Low-Power mode can be enabled by control register
setting. Also, the application processor or the PMIC may provide an HW signal (NSLP) to the LP8754 input to
indicate when the processor has entered a low-power state. When the signal is asserted, the LP8754 Low-Power
PFM function will be enabled, and the LP8754 will run with a reduced input current. The right timing of the NSLP
signal from the system is important for best load-transient performance. The NSLP signal should be asserted
only when load current is stable and below 30 mA. Before the load current increases above 30 mA, the NSLP
signal should be de-asserted 100 µs (minimum) prior to a load step to prepare the converter for the higher load
current.
7.3.1.3 Buck Converter Load Current
The buck load current can be monitored via I2C registers. Current of different buck converter cores or the total
load current of the master can be selected from register 0x21 (see SEL_I_LOAD). A write to this selection
register starts a current measurement sequence. The measurement sequence is a minimum of 50 µs long. When
a measurement sequence starts, the FLAGS_1.I_LOAD_READY bit in register 0x0E is set to '0'. After the
measurement sequence is finished, the FLAGS_1.I_LOAD_READY bit is set to '1'. (Note that by default this bit is
'0'.) The measurement result can be read from registers 0x22 (LOAD_CURR.BUCK_LOAD_CURR[7:0]) and
0x21 (SEL_I_LOAD.BUCK_LOAD_CURR[10:8]). The measurement result [10:0] LSB is 10 mA, and the
maximum value of the measurement is 20 A. The LP8754 can be configured to give out an interrupt after the
load current measurement sequence is finished. Load current measurement interrupt can be masked with
INT_MASKS_2.MASK_I_LOAD_READY bit.
7.3.1.4 Spread Spectrum Mode
Systems with periodic switching signals may generate a large amount of switching noise in a set of narrowband
frequencies (the switching frequency and its harmonics). The usual solution to reduce noise coupling is to add
EMI-filters and shields to the boards. The LP8754's register-selectable spread spectrum mode minimizes the
need for output filters, ferrite beads, or chokes. In spread spectrum mode, the switching frequency varies
randomly around the center frequency, reducing the EMI emissions radiated by the converter, associated passive
components, and PCB traces. See Figure 10.
18
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com